Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF19XFS3 Datasheet(PDF) 17 Page - Analog Devices

Part # REF19XFS3
Description  Precision Micropower, Low Dropout Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF19XFS3 Datasheet(HTML) 17 Page - Analog Devices

Back Button REF19XFS3 Datasheet HTML 13Page - Analog Devices REF19XFS3 Datasheet HTML 14Page - Analog Devices REF19XFS3 Datasheet HTML 15Page - Analog Devices REF19XFS3 Datasheet HTML 16Page - Analog Devices REF19XFS3 Datasheet HTML 17Page - Analog Devices REF19XFS3 Datasheet HTML 18Page - Analog Devices REF19XFS3 Datasheet HTML 19Page - Analog Devices REF19XFS3 Datasheet HTML 20Page - Analog Devices REF19XFS3 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
REV. E
REF19x Series
–17–
35
0
0.9
15
5
0.1
10
0
30
20
25
0.8
0.7
0.6
0.5
0.4
0.3
0.2
REF195 DROPOUT VOLTAGE – V
TPC 13. Dropout Voltage vs. Load Current
10
100
0%
90
5V
200mV
200 s
TPC 12. Line Transient Response
+V
VOUT
SLEEP (SHUTDOWN)
GND
Figure 1. Simplified Schematic
APPLICATIONS SECTION
Output Short Circuit Behavior
The REF19x family of devices is totally protected from damage
due to accidental output shorts to GND or to V+. In the event
of an accidental short circuit condition, the reference device will
shut down and limit its supply current to 40 mA.
Device Power Dissipation Considerations
The REF19x family of references is capable of delivering load
currents to 30 mA with an input voltage that ranges from 3.3 V
to 15 V. When these devices are used in applications with large
input voltages, care should be exercised to avoid exceeding
these devices’ maximum internal power dissipation. Exceeding
the published specifications for maximum power dissipation or
junction temperature could result in premature device failure.
The following formula should be used to calculate a device’s
maximum junction temperature or dissipation:
P
T– T
D
A
A
=
J
J
θ
In this equation, TJ and TA are the junction and ambient tempera-
tures, respectively, PD is the device power dissipation, and
θJA is
the device package thermal resistance.
Output Voltage Bypassing
For stable operation, low dropout voltage regulators and refer-
ences generally require a bypass capacitor connected from their
VOUT pins to their GND pins. Although the REF19x family of
references is capable of stable operation with capacitive loads
exceeding 100
µF, a 1 µF capacitor is sufficient to guarantee rated
performance. The addition of a 0.1
µF ceramic capacitor in parallel
with the bypass capacitor will improve load current transient
performance. For best line voltage transient performance, it is
recommended that the voltage inputs of these devices be bypassed
with a 10
µF electrolytic capacitor in parallel with a 0.1 µF
ceramic capacitor.
Sleep Mode Operation
All REF19x devices include a sleep capability that is TTL/CMOS
level compatible. Internally, a pull-up current source to VIN is
connected at the
SLEEP pin. This permits the SLEEP pin to be
driven from an open collector/drain driver. A logic LOW or a 0 V
condition on the
SLEEP pin is required to turn the output stage
OFF. During sleep, the output of the references becomes a high
impedance state where its potential would then be determined
by external circuitry. If the sleep feature is not used, it is recom-
mended that the
SLEEP pin be connected to V
IN (Pin 2).
Basic Voltage Reference Connections
The circuit in Figure 2 illustrates the basic configuration for the
REF19x family of references. Note the 10
µF/0.1 µF bypass net-
work on the input and the 1
µF/0.1 µF bypass network on the
output. It is recommended that no connections be made to Pins 1,
5, 7, and 8. If the sleep feature is not required, Pin 3 should be
connected to VIN.
NC
NC
VIN
SLEEP
1
2
3
4
8
7
6
5
NC
NC
1 F
TANT
OUTPUT
0.1 F
10 F
0.1 F
REF19x
NC = NO CONNECT
Figure 2. Basic Voltage Reference Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com