Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF19XFS3 Datasheet(PDF) 19 Page - Analog Devices

Part # REF19XFS3
Description  Precision Micropower, Low Dropout Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF19XFS3 Datasheet(HTML) 19 Page - Analog Devices

Back Button REF19XFS3 Datasheet HTML 15Page - Analog Devices REF19XFS3 Datasheet HTML 16Page - Analog Devices REF19XFS3 Datasheet HTML 17Page - Analog Devices REF19XFS3 Datasheet HTML 18Page - Analog Devices REF19XFS3 Datasheet HTML 19Page - Analog Devices REF19XFS3 Datasheet HTML 20Page - Analog Devices REF19XFS3 Datasheet HTML 21Page - Analog Devices REF19XFS3 Datasheet HTML 22Page - Analog Devices REF19XFS3 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
REV. E
REF19x Series
–19–
The circuit illustrated in Figure 5 avoids the need for tightly
matched resistors with the use of an active integrator circuit. In
this circuit, the output of the voltage reference provides the input
drive for the integrator. The integrator, to maintain circuit equi-
librium, adjusts its output to establish the proper relationship
between the reference’s VOUT and GND. Thus, any desired
negative output voltage can be chosen by simply substituting for
the appropriate reference IC. The sleep feature is maintained in
the circuit with the simple addition of a PNP transistor and a
10 k
Ω resistor. One caveat with this approach should be men-
tioned: although rail-to-rail output amplifiers work best in the
application, these operational amplifiers require a finite amount
(mV) of headroom when required to provide any load current.
The choice for the circuit’s negative supply should take this issue
into account.
A1
+5V
–5V
100
1 F
1k
1 F
–VREF
100k
REF19x
VIN
GND
VOUT
SLEEP
10k
SLEEP
TTL/CMOS
A1 = 1/2 OP295,
1/2 OP291
VIN
10k
4
2
3
6
2N3906
Figure 5. A Negative Precision Voltage Reference
Uses No Precision Resistors
Stacking Reference ICs for Arbitrary Outputs
Some applications may require two reference voltage sources that
are a combined sum of standard outputs. The circuit of Figure 6
shows how this “stacked output” reference can be implemented.
U2
REF19x
(SEE TABLE)
R1
3.9k
(SEE TEXT)
C1
0.1 F
+VS
VS > VOUT2 +0.15V
VIN
COMMON
VOUT
COMMON
OUTPUT TABLE
U1/U2
REF192/REF192
REF192/REF194
REF192/REF195
VOUT1 (V)
2.5
2.5
2.5
VOUT2 (V)
5.0
7.0
7.5
+VOUT2
VO (U2)
C2
1 F
C3
0.1 F
+VOUT1
VO (U1)
C4
1 F
U1
REF19x
(SEE TABLE)
Figure 6. Stacking Voltage References with the REF19x
Two reference ICs are used, fed from a common unregulated
input, VS. The outputs of the individual ICs are simply con-
nected in series as shown, which provides two output voltages,
VOUT1 and VOUT2. VOUT1 is the terminal voltage of U1, while
VOUT2 is the sum of this voltage and the terminal voltage of U2.
U1 and U2 are simply chosen for the two voltages that supply
the required outputs (see Table I). If, for example, both U1 and
U2 are REF192s, the two outputs are 2.5 V and 5.0 V.
While this concept is simple, some cautions are in order. Since
the lower reference circuit must sink a small bias current from
U2 (50
µA to 100 µA), plus the base current from the series PNP
output transistor in U2, either the external load of U1 or R1
must provide a path for this current. If the U1 minimum load is
not well defined, resistor R1 should be used, set to a value that
will conservatively pass 600
µA of current with the applicable
VOUT1 across it. Note that the two U1 and U2 reference circuits
are locally treated as macrocells, each having its own bypasses at
input and output for best stability. Both U1 and U2 in this circuit
can source dc currents up to their full rating. The minimum
input voltage, VS, is determined by the sum of the outputs, VOUT2,
plus the dropout voltage of U2.
A related variation on stacking two three-terminal references
is shown in Figure 6, where U1, a REF192, is stacked with a
two-terminal reference diode such as the AD589. Like the three-
terminal stacked reference above, this circuit provides two outputs,
VOUT1 and VOUT2, which are the individual terminal voltages of
D1 and U1 respectively. Here this is 1.235 and 2.5, which pro-
vides a VOUT2 of 3.735 V. When using two-terminal reference
diodes such as D1, the rated minimum and maximum device
currents must be observed and the maximum load current from
VOUT1 can be no greater than the current set up by R1 and VO(U1).
In the case with VO(U1) equal to 2.5 V, R1 provides a 500
µA
bias to D1, so the maximum load current available at VOUT1 is
450
µA or less.
U1
REF192
R1
4.99k
(SEE TEXT)
C1
0.1 F
+VS
VS > VOUT2 +0.15V
VIN
COMMON
VOUT
COMMON
+VOUT2
3.735V
VO (U1)
C2
1 F
D1
AD589
VO (D1)
C3
1 F
+VOUT1
1.235V
Figure 7. Stacking Voltage References with the REF19x
A Precision Current Source
Many times, in low power applications, the need arises for a
precision current source that can operate on low supply voltages.
As shown in Figure 8, any one of the devices in the REF19x
family of references can be configured as a precision current
source. The circuit configuration illustrated is a floating current
source with a grounded load. The reference’s output voltage is
bootstrapped across RSET, which sets the output current into the
load. With this configuration, circuit precision is maintained for
load currents in the range from the reference’s supply current
(typically, 30
µA) to approximately 30 mA. The low dropout
voltage of these devices maximizes the current source’s output
voltage compliance without excess headroom.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com