Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF19XFS3 Datasheet(PDF) 20 Page - Analog Devices

Part # REF19XFS3
Description  Precision Micropower, Low Dropout Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF19XFS3 Datasheet(HTML) 20 Page - Analog Devices

Back Button REF19XFS3 Datasheet HTML 16Page - Analog Devices REF19XFS3 Datasheet HTML 17Page - Analog Devices REF19XFS3 Datasheet HTML 18Page - Analog Devices REF19XFS3 Datasheet HTML 19Page - Analog Devices REF19XFS3 Datasheet HTML 20Page - Analog Devices REF19XFS3 Datasheet HTML 21Page - Analog Devices REF19XFS3 Datasheet HTML 22Page - Analog Devices REF19XFS3 Datasheet HTML 23Page - Analog Devices REF19XFS3 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
REV. E
–20–
REF19x Series
1 F
REF19x
VIN
GND
VREF
SLEEP
VIN
ISY
ADJUST
R1
P1
RL
RSET
IOUT
VIN
IOUT
RL (MAX) + VSY (MIN)
IOUT =
+ ISY (REF19x)
RSET
VOUT
RSET
VOUT
>> ISY
E.G. REF195 : VOUT = 5V
IOUT = 5mA
R1 = 953
P1 = 100 , 10-TURN
Figure 8. A Low Dropout, Precision Current Source
The circuit’s governing equations are:
V IN
= I
OUT
× R
L(max )
+V
SY (min, REF19x )
IOUT
=
VOUT
RSET
+ I
SY ( REF19x )
VOUT
RSET
〉〉I
SY ( REF19x )
Switched Output 5 V/3.3 V Reference
Applications often require digital control of reference voltages,
selecting between one stable voltage and a second. With the
sleep feature inherent to the REF19x series, switched output
reference configurations are easily implemented with relatively
little additional hardware.
The circuit of Figure 9 illustrates the general technique, which
takes advantage of the output “wire-OR” capability of the REF19x
device family. When OFF, a REF19x device is effectively an
open circuit at the output node with respect to the power supply.
When ON, a REF19x device can source current up to its current
rating, but sink only a few
µA (essentially just the relatively low
current of the internal output scaling divider). As a result, for
two devices wired together at their common outputs, the output
voltage is simply that of the ON device. The OFF state device
will draw a small standby current of 15
µA (max), but otherwise
will not interfere with operation of the ON device, which can
operate to its full current rating. Note that the two devices in
the circuit conveniently share both input and output capacitors,
and with CMOS logic drive, it is power efficient.
U1
REF19x
(SEE TABLE)
C1
0.1 F
+VS = 6V
VIN
COMMON
VOUT
COMMON
+VOUT
C2
1 F
U2
REF19x
(SEE TABLE)
3
4
1
2
U3B
74HC04
U3A
74HC04
VC
OUTPUT TABLE
VOUT (V)
5.0
3.3
4.5
5.0
VC*
HI
LO
HI
LO
U1/U2
REF195/
REF196
REF194/
REF195
*CMOS LOGIC LEVELS
Figure 9. Switched Output Reference
Using dissimilar REF19x series devices with this configuration
allows logic selection between the U1/U2 specified terminal
voltages. For example, with U1 (a REF195) and U2 (a REF196),
as noted in the table, changing the CMOS compatible VC logic
control voltage from HI to LO selects between a nominal output
of 5.000 V and 3.300 V and vice versa. Other REF19x family
units can also be used for U1/U2, with similar operation in a
logic sense, but with outputs as per the individual paired devices
(see table, again). Of course, the exact output voltage tolerance,
drift, and overall quality of the reference voltage will be consistent
with the grade of individual U1 and U2 devices.
Because of the nature of the wire–OR, there is one application
caveat that should be understood about this circuit. Since U1
and U2 can only source current effectively, negative going output
voltage changes, which require the sinking of current, will neces-
sarily take longer than positive going changes. In practice, this
means that the circuit is quite fast when undergoing a transition
from 3.3 V to 5 V, but the transition from 5 V to 3.3 V will take
longer. Exactly how much longer will be a function of the load
resistance, RL, seen at the output and the typical 1
µF value of
C2. In general, a conservative transition time here will be on the
order of several milliseconds for load resistances in the range of
100
Ω to 1 kΩ. Note that for highest accuracy at the new output
voltage, several time constants should be allowed (>7.6 time
constants for <1/2 LSB error @ 10 bits, for example).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com