Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201612E-R47M Datasheet(PDF) 9 Page - Analog Devices

Part # DFE201612E-R47M
Description  500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE201612E-R47M Datasheet(HTML) 9 Page - Analog Devices

Back Button DFE201612E-R47M Datasheet HTML 5Page - Analog Devices DFE201612E-R47M Datasheet HTML 6Page - Analog Devices DFE201612E-R47M Datasheet HTML 7Page - Analog Devices DFE201612E-R47M Datasheet HTML 8Page - Analog Devices DFE201612E-R47M Datasheet HTML 9Page - Analog Devices DFE201612E-R47M Datasheet HTML 10Page - Analog Devices DFE201612E-R47M Datasheet HTML 11Page - Analog Devices DFE201612E-R47M Datasheet HTML 12Page - Analog Devices DFE201612E-R47M Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
500mV to 5.5V Input nanoPower
Boost Converter with Short-Circuit
Protection
and True Shutdown
MAX18000
www.analog.com
Analog Devices | 9
Pin Configuration
LX
IN
EN
RSEL
GND
OUT
A
B
1
2
3
TOP VIEW
(BUMP SIDE DOWN)
MAX18000
+
6 WLP
(1.07mm x 1.57mm x 0.5mm)
Pin Descriptions
PIN
NAME
FUNCTION
Type
A1
LX
Switching Node. Connect the inductor (See the Inductor Selection section for more
information) from LX to IN.
Power
A2
IN
Input in. Connect a 22μ X7R ceramic capacitor from IN to ground. Depending on the
specific application requirements, more capacitance may be needed.
Power
A3
EN
Enable Input Pin. Force this pin to higher than 1.2V to enable the boost converter. Force
this pin below 0.4V to disable the part and enter True Shutdown Mode.
Digital
B1
OUT
Output Pin. Connect a 2 x 22μ X7R ceramic capacitor from OUT to GND.
Power
B2
PGND
Power Ground. Connect to System GND
Ground
B3
RSEL
Output Voltage Select Pin. Connect a resistor from RSEL to GND based on the desired
output voltage. See Table 1 for more information. RSEL floats in shutdown. Care must be
taken that the total capacitance on this pin should be less than 2pF.
Analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com