Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201612E-R47M Datasheet(PDF) 16 Page - Analog Devices

Part # DFE201612E-R47M
Description  500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE201612E-R47M Datasheet(HTML) 16 Page - Analog Devices

Back Button DFE201612E-R47M Datasheet HTML 9Page - Analog Devices DFE201612E-R47M Datasheet HTML 10Page - Analog Devices DFE201612E-R47M Datasheet HTML 11Page - Analog Devices DFE201612E-R47M Datasheet HTML 12Page - Analog Devices DFE201612E-R47M Datasheet HTML 13Page - Analog Devices DFE201612E-R47M Datasheet HTML 14Page - Analog Devices DFE201612E-R47M Datasheet HTML 15Page - Analog Devices DFE201612E-R47M Datasheet HTML 16Page - Analog Devices DFE201612E-R47M Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
500mV to 5.5V Input nanoPower
Boost Converter with Short-Circuit
Protection
and True Shutdown
MAX18000
www.analog.com
Analog Devices | 16
GND
OUT
EN
0402
0603
LEGEND
VIAS
0805
RSEL
LX
IN
Figure 5. PCB Layout Recommendation for WLP Package
Typical Application Diagram
RSEL
OUT
RSEL
IN
LX
EN
GND
0.5V TO 5.5V
DC SOURCE
VOUT
2.5V TO 5.5V
MAX18000
LOW (OFF)
HIGH (ON)
L
CIN
10V, X5R,
0603, 22µF
COUT
10V, X5R,
0603, 2 x 22µF
Ordering Information
PART NUMBER
TEMPERATURE RANGE
PACKAGE
FEATURES
MAX18000AWT+T
-40°C to +125°C
6-Bump WLP, 1.05mm x
1.55mm
3.6A IPEAK, nanoPower PFM mode,
True Shutdown/Active Discharge
+Denotes lead(Pb)-free/RoHS packaging.
T = Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com