Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201612E-R47M Datasheet(PDF) 12 Page - Analog Devices

Part # DFE201612E-R47M
Description  500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE201612E-R47M Datasheet(HTML) 12 Page - Analog Devices

Back Button DFE201612E-R47M Datasheet HTML 8Page - Analog Devices DFE201612E-R47M Datasheet HTML 9Page - Analog Devices DFE201612E-R47M Datasheet HTML 10Page - Analog Devices DFE201612E-R47M Datasheet HTML 11Page - Analog Devices DFE201612E-R47M Datasheet HTML 12Page - Analog Devices DFE201612E-R47M Datasheet HTML 13Page - Analog Devices DFE201612E-R47M Datasheet HTML 14Page - Analog Devices DFE201612E-R47M Datasheet HTML 15Page - Analog Devices DFE201612E-R47M Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
500mV to 5.5V Input nanoPower
Boost Converter with Short-Circuit
Protection
and True Shutdown
MAX18000
www.analog.com
Analog Devices | 12
4.6
20
4.7
16.9
4.8
14
4.9
11.8
5.0
10.0
5.1*
8.45
5.2*
7.15
5.3*
5.9
5.4*
4.99
5.5*
Short to Ground
*nanoPower mode disabled for VOUT > 5V.
**Use a standard 1% resistor at RSEL pin.
Soft-Start
When the EN logic goes high and VIN > VIN_UVLO, the MAX18000 starts up by turning on the bias circuitry, after which
the resistance value at the RSEL pin is read to set theP VOUT target voltage level. The IC addresses the issue of high
inrush current during startup by having the high-side PMOS operate in linear mode (PMOS slew) till VOUT = VIN. The
PMOS slew phase typically takes about 350µs.
After the PMOS slew is complete, the high-side PMOS turns off, and the IC enters a boost-slew mode. In the boost slew
mode of operation, the part switches such that the output voltage ramps up at a slew rate of 3V/ms (typical) until the
regulation target.
If the IC sees an output voltage level of less than 0.5V after the PMOS slew timer expires (350µs typical), it enters short-
circuit protection mode. In short-circuit protection mode, the IC stops switching, and the PMOS current is limited to 700mA
(typical).
EN
TDLY_EN
TSS_LINEAR = 350µs
VOUT
SLEWSS_BOOST = 3V/ms
VIN
BOOST MODE
Figure 2. Soft-Start Behavior
Boost Control Scheme
The MAX18000 operates based on an adaptive on-time current-mode control. Adaptive on-time is used to get a fast
transient response and better efficiency across the operating range. In both continuous conduction mode (CCM) and
discontinuous conduction mode (DCM), the on-time is adjusted depending on the input voltage and target output voltage.
nanoPower Mode
The MAX18000 automatically enters nanoPower mode when the load current is very low to achieve high efficiency at light
loads. When the load current is reduced, the switching frequency also reduces. When the switching frequency reduces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com