Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3603 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC3603
Description  SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3603 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC3603 Datasheet HTML 1Page - Renesas Technology Corp 2SC3603 Datasheet HTML 2Page - Renesas Technology Corp 2SC3603 Datasheet HTML 3Page - Renesas Technology Corp 2SC3603 Datasheet HTML 4Page - Renesas Technology Corp 2SC3603 Datasheet HTML 5Page - Renesas Technology Corp 2SC3603 Datasheet HTML 6Page - Renesas Technology Corp 2SC3603 Datasheet HTML 7Page - Renesas Technology Corp 2SC3603 Datasheet HTML 8Page - Renesas Technology Corp 2SC3603 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©
1996
DATA SHEET
Document No. P11674EJ1V0DS00 (1st edition)
Date Published August 1996 P
Printed in Japan
SILICON TRANSISTOR
2SC3603
The 2SC3603 is an NPN epitaxial transistor designed for low-
noise amplification at 0.5 to 4.0 GHz. This transistor has low-noise
and high-gain characteristics in a wide collector current region, and
has a wide dynamic range.
FEATURES
• Low noise
: NF = 2.1 dB TYP. @ f = 2.0 GHz
• High power gain : GA = 10 dB TYP. @ f = 2.0 GHz
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°°C)
ELECTRICAL CHARACTERISTICS (TA = 25
°°°°°C)
PARAMETER
SYMBOL
RATING
UNIT
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3V
Collector Current
IC
100
mA
Total Power Dissipation
PT (TC = 25 °C)
580
mW
Junction Temperature
Tj
200
°C
Storage Temperature
Tstg
-65 to +150
°C
NPN EPITAXIAL SILICON TRANSISTOR
FOR MICROWAVE LOW-NOISE AMPLIFICATION
PACKAGE DIMENSIONS (in mm)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB = 10 V, IE = 0
1.0
µA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0
1.0
µA
DC Current Gain
hFE
VCE = 10 V, IC = 20 mA Pulse
50
120
300
Gain Bandwidth Product
fT
VCE = 10 V, IC = 20 mA
7
GHz
Reverse Transfer Capacitance
Cre
VCB = 10 V, IE = 0, f = 1 MHz
0.5
1.0
pF
Noise Figure
NF
Note
VCE = 10 V, IC = 7 mA, f = 2 GHz
2.1
3.4
dB
Insertion Gain
|S21e|2
VCE = 10 V, IC = 20 mA, f = 2 GHz
7.0
9.0
dB
Maximum Available Gain
MAG
VCE = 10 V, IC = 20 mA, f = 2 GHz
10.0
12.0
dB
Power Gain
GA
VCE = 10 V, IC = 7 mA, f = 2 GHz
10
dB
3.8 MIN.
E
CB
E
45
°
0.5
± 0.05
2.55
± 0.2
2.1
φ
3.8 MIN.
PIN CONNECTIONS
E: Emitter
C: Collector
B: Base



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com