Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3603 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC3603
Description  SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3603 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC3603 Datasheet HTML 1Page - Renesas Technology Corp 2SC3603 Datasheet HTML 2Page - Renesas Technology Corp 2SC3603 Datasheet HTML 3Page - Renesas Technology Corp 2SC3603 Datasheet HTML 4Page - Renesas Technology Corp 2SC3603 Datasheet HTML 5Page - Renesas Technology Corp 2SC3603 Datasheet HTML 6Page - Renesas Technology Corp 2SC3603 Datasheet HTML 7Page - Renesas Technology Corp 2SC3603 Datasheet HTML 8Page - Renesas Technology Corp 2SC3603 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
3
2SC3603
S PARAMETER
VCE = 10 V, IC = 20 mA, ZO = 50
Ω
f (MHz)
|S11|
∠S11
|S21|
∠S21
|S12|
∠S12
|S22|
∠S22
500
.629
-160.8
10.100
92.6
.040
41.5
.256
-49.0
1000
.631
175.8
5.411
75.1
.048
51.4
.244
-57.2
1500
.628
162.5
3.565
60.6
.070
59.2
.232
-66.8
2000
.646
152.2
2.720
48.4
.086
56.0
.220
-77.4
2500
.659
142.1
2.161
38.8
.105
52.2
.213
-89.1
3000
.677
132.0
1.916
25.7
.127
45.1
.217
-103.1
3500
.695
123.8
1.585
14.3
.151
39.7
.232
-119.5
4000
.713
116.5
1.392
5.3
.168
34.8
.254
-134.0
INSERTION GAIN vs.
COLLECTOR CURRENT
20
18
16
14
12
10
8
6
4
2
0
12
5
IC - Collector Current - mA
10
20
50
VCE = 10 V
f = 0.5 GHz
f = 1 GHz
f = 2 GHz
NOISE FIGURE vs. COLLECTOR CURRENT
6
5
4
3
2
1
2
5
10
20
50
IC - Collector Current - mA
VCE =10 V
f = 2 GHz
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
30
20
10
7
5
3
2
12
3
5
7
10
20
30
IC - Collector Current - mA
VCE = 10 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com