Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3603 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC3603
Description  SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3603 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC3603 Datasheet HTML 2Page - Renesas Technology Corp 2SC3603 Datasheet HTML 3Page - Renesas Technology Corp 2SC3603 Datasheet HTML 4Page - Renesas Technology Corp 2SC3603 Datasheet HTML 5Page - Renesas Technology Corp 2SC3603 Datasheet HTML 6Page - Renesas Technology Corp 2SC3603 Datasheet HTML 7Page - Renesas Technology Corp 2SC3603 Datasheet HTML 8Page - Renesas Technology Corp 2SC3603 Datasheet HTML 9Page - Renesas Technology Corp 2SC3603 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4
2SC3603
S PARAMETER
90
100
110
120
130
0.18
0.32
0.17
0.33
0.16
0.34
0.15
0.35
0.14
0.36
0.13
0.37
0.12
0.35
0.11
0.39
0.10
0.40
0.09
0.41
0.08
0.42
0.07
0.43
50
60
70
80
0.1
50
20
10
5.0
4.0
3.0
0.2
0.4
0.6
0.8
1.0
0.2
0.4
0.6
0.8
RESTSTANCE COMPONENT
R
ZO
0.2
0.3
0.4
M
PO
N
EN
T
4 GHz
4 GHz
0.5 GHz
0.5 GHz
S11e
S22e
S11e, S22e
− FREQUENCY
VCE = 10 V
IC = 20 mA
500 MHz Step
S21
− FREQUENCY
90
°
150
°
60
°
30
°
0
°
10
180
°
−150°
−120°
−90°
−60°
−30°
VCC = 10 V
IC = 20 mA
500 MHz Step
S12
− FREQUENCY
90
°
120
°
120
°
150
°
60
°
30
°
0
°
180
°
−150°
−120°
−90°
−60°
−30°
VCE = 10 V
IC = 20 mA
500 MHz Step
5
0.1
0.2
0.05
0.15
4 GHz
0.5 GHz
0.5 GHz
4 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com