Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4182 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC4182
Description  SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4182 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC4182 Datasheet HTML 1Page - Renesas Technology Corp 2SC4182 Datasheet HTML 2Page - Renesas Technology Corp 2SC4182 Datasheet HTML 3Page - Renesas Technology Corp 2SC4182 Datasheet HTML 4Page - Renesas Technology Corp 2SC4182 Datasheet HTML 5Page - Renesas Technology Corp 2SC4182 Datasheet HTML 6Page - Renesas Technology Corp 2SC4182 Datasheet HTML 7Page - Renesas Technology Corp 2SC4182 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©
1984
DATA SHEET
SILICON TRANSISTOR
2SC4182
DESCRIPTION
The 2SC4182 is designed for use as an oscillator or a mixer in a VHF
TV tuners. Super mini mold package makes it suitable for use in small
type equipments especially recommended for Hibrid Integrated Circuits
and other applications.
FEATURES
•
High Gain Bandwidth Product
: fT = 1.1 GHz TYP.
•
Low Collector to Base Time Constant : CC · rb’b = 9 ps TYP.
•
Low Output Capacitance
: Cob = 1.5 pF MAX.
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Collector to Base Voltage
VCB0
30
V
Collector to Emitter Voltage
VCE0
15
V
Emitter to Base Voltage
VEB0
4.5
V
Collector Current
IC
50
mA
Total Power Dissipation
PT
160
mW
Junction Temperature
Tj
150
˚C
Storage Temperature
Tstg
–65 to +150
˚C
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
Characteristics
Symbol
MIN.
TYP.
MAX.
Unit
Test Conditions
Collector Cutoff Current
ICB0
0.1
µAVCB = 20 V, IE = 0
DC Current Gain
hFE
60
220
VCE = 3 V, IC = 5 mA
Collector Saturation Voltage
VCE(sat)
0.5
V
IC = 10 mA, IB = 1 mA
Gain Bandwidth Product
fT
1 100
MHz
VCE = 3 V, IC = 5 mA
Output Capacitance
Cob
1.1
1.5
pF
VCB = 3 V, IE = 0
Collector to Base Time Constant
CC · rb’b
915
ps
VCE = 3 V, IE = –5 mA, f = 31.9 MHz
hFE Classifications
Rank
T32
T33
T34
Marking
T32
T33
T34
hFE
60 to 105
85 to 150
120 to 220
Document No. P10407EJ4V0DS00 (4th edition)
(Previous No. TC-1430A)
Date Published February 1996 P
Printed in Japan
UHF/VHF OSCILLATOR AND VHF MIXER
NPN SILICON EPITAXIAL TRANSISTOR
SUPER MINI MOLD
PACKAGE DIMENSIONS
in millimeters
2.1 ± 0.1
1.25 ± 0.1
2
1
3
Marking
PIN CONNECTIONS
1. Emitter
2. Base
3. Collector



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com