Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4182 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC4182
Description  SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4182 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC4182 Datasheet HTML 1Page - Renesas Technology Corp 2SC4182 Datasheet HTML 2Page - Renesas Technology Corp 2SC4182 Datasheet HTML 3Page - Renesas Technology Corp 2SC4182 Datasheet HTML 4Page - Renesas Technology Corp 2SC4182 Datasheet HTML 5Page - Renesas Technology Corp 2SC4182 Datasheet HTML 6Page - Renesas Technology Corp 2SC4182 Datasheet HTML 7Page - Renesas Technology Corp 2SC4182 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC4182
4
VCE = 5 V, IC = 3 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.657
–54.8
6.220
127.2
0.038
66.5
0.876
–12.6
200.00
0.473
–80.6
3.926
105.9
0.058
60.5
0.793
–14.0
300.00
0.391
–98.6
2.930
93.4
0.078
55.6
0.748
–16.8
400.00
0.364
–112.6
2.253
85.6
0.091
55.7
0.734
–17.8
500.00
0.359
–125.0
1.855
78.5
0.102
52.4
0.702
–19.4
600.00
0.365
–137.5
1.606
73.9
0.115
52.1
0.709
–21.5
700.00
0.370
–148.9
1.437
66.5
0.122
50.2
0.700
–23.1
800.00
0.381
–158.2
1.307
61.5
0.133
49.7
0.709
–26.9
900.00
0.393
–165.8
1.164
56.2
0.135
50.7
0.709
–29.7
1000.00
0.417
–173.6
1.074
51.6
0.141
49.7
0.697
–34.8
1100.00
0.442
178.4
0.998
48.1
0.147
52.6
0.692
–38.5
1200.00
0.454
169.6
0.945
42.9
0.153
52.9
0.669
–42.4
1300.00
0.460
163.6
0.911
38.5
0.164
53.9
0.656
–45.8
1400.00
0.463
159.0
0.822
34.3
0.165
55.4
0.645
–49.4
1500.00
0.491
154.8
0.779
28.9
0.176
55.9
0.642
–53.3
1600.00
0.515
150.5
0.717
28.7
0.183
60.6
0.639
–58.0
1700.00
0.536
144.3
0.667
25.8
0.195
61.2
0.631
–63.1
1800.00
0.555
139.4
0.657
25.1
0.214
64.0
0.618
–69.2
1900.00
0.563
135.4
0.625
22.5
0.234
64.0
0.609
–74.0
2000.00
0.578
131.6
0.614
18.9
0.255
62.6
0.589
–79.5
VCE = 5 V, IC = 10 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.420
–83.2
9.315
111.3
0.029
67.9
0.759
–13.4
200.00
0.366
–112.8
5.199
95.2
0.045
62.5
0.701
–12.8
300.00
0.364
–132.2
3.618
85.3
0.060
57.8
0.669
–14.9
400.00
0.381
–146.0
2.856
78.9
0.070
59.4
0.661
–15.7
500.00
0.403
–156.9
2.306
72.7
0.078
57.8
0.638
–17.0
600.00
0.420
–167.0
1.967
68.5
0.088
59.6
0.647
–19.0
700.00
0.432
–176.0
1.729
61.8
0.095
60.0
0.644
–20.5
800.00
0.446
177.8
1.553
57.0
0.106
61.0
0.655
–24.1
900.00
0.457
172.8
1.367
52.2
0.111
64.0
0.658
–27.0
1000.00
0.490
167.3
1.243
48.0
0.121
64.3
0.648
–32.0
1100.00
0.518
161.5
1.147
44.9
0.130
67.6
0.644
–36.0
1200.00
0.529
154.0
1.074
40.1
0.140
68.5
0.626
–39.8
1300.00
0.535
149.0
1.029
35.7
0.155
70.0
0.615
–43.4
1400.00
0.536
145.3
0.920
31.9
0.164
71.2
0.605
–47.0
1500.00
0.559
142.1
0.865
26.4
0.181
70.9
0.604
–51.0
1600.00
0.579
138.7
0.791
26.7
0.196
74.1
0.600
–55.8
1700.00
0.598
133.7
0.732
23.9
0.213
73.4
0.593
–61.2
1800.00
0.614
129.8
0.716
23.2
0.237
74.5
0.580
–67.3
1900.00
0.621
126.3
0.677
20.9
0.260
73.1
0.571
–72.4
2000.00
0.635
123.0
0.663
17.4
0.285
70.2
0.553
–78.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com