Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4182 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC4182
Description  SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4182 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC4182 Datasheet HTML 1Page - Renesas Technology Corp 2SC4182 Datasheet HTML 2Page - Renesas Technology Corp 2SC4182 Datasheet HTML 3Page - Renesas Technology Corp 2SC4182 Datasheet HTML 4Page - Renesas Technology Corp 2SC4182 Datasheet HTML 5Page - Renesas Technology Corp 2SC4182 Datasheet HTML 6Page - Renesas Technology Corp 2SC4182 Datasheet HTML 7Page - Renesas Technology Corp 2SC4182 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC4182
3
S-PARAMETER
VCE = 3 V, IC = 3 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.644
–57.9
6.137
125.9
0.045
66.9
0.857
–14.1
200.00
0.466
–85.1
3.833
104.4
0.065
59.1
0.764
–15.7
300.00
0.388
–103.6
2.855
91.8
0.085
54.1
0.718
–18.6
400.00
0.365
–117.7
2.189
83.9
0.100
54.0
0.701
–19.7
500.00
0.363
–130.2
1.802
76.5
0.111
50.7
0.670
–21.5
600.00
0.371
–142.2
1.559
71.6
0.125
50.5
0.675
–23.8
700.00
0.378
–153.2
1.392
64.2
0.133
48.2
0.665
–25.6
800.00
0.390
–161.9
1.268
59.0
0.144
47.3
0.673
–29.6
900.00
0.403
–169.1
1.132
53.7
0.147
48.7
0.671
–32.7
1000.00
0.429
–176.5
1.040
49.1
0.153
47.5
0.658
–38.1
1100.00
0.454
175.9
0.969
45.6
0.159
50.1
0.653
–42.2
1200.00
0.466
167.3
0.918
40.3
0.167
49.9
0.631
–46.4
1300.00
0.473
161.5
0.886
35.9
0.178
50.8
0.618
–50.4
1400.00
0.476
157.0
0.799
31.7
0.179
51.8
0.607
–54.3
1500.00
0.503
153.0
0.757
26.1
0.189
52.1
0.604
–58.7
1600.00
0.527
148.9
0.696
26.0
0.196
56.4
0.599
–64.0
1700.00
0.547
142.8
0.647
23.2
0.207
57.0
0.591
–69.6
1800.00
0.566
138.1
0.636
22.6
0.227
59.8
0.578
–76.3
1900.00
0.574
134.2
0.604
20.1
0.247
59.8
0.568
–81.5
2000.00
0.588
130.5
0.594
16.7
0.267
58.3
0.549
–87.6
VCE = 3 V, IC = 10 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.411
–89.0
9.009
109.8
0.031
63.2
0.727
–14.9
200.00
0.371
–119.5
5.001
93.7
0.050
59.7
0.663
–14.3
300.00
0.377
–137.9
3.455
83.5
0.066
56.7
0.632
–16.4
400.00
0.398
–150.7
2.725
77.1
0.075
57.8
0.622
–17.3
500.00
0.423
–161.2
2.198
70.6
0.084
56.5
0.601
–18.9
600.00
0.441
–170.7
1.874
66.3
0.095
58.8
0.608
–21.0
700.00
0.452
–179.3
1.644
59.5
0.103
58.7
0.605
–22.9
800.00
0.466
174.9
1.478
54.7
0.113
60.0
0.614
–26.8
900.00
0.476
170.4
1.298
49.9
0.120
62.7
0.617
–30.1
1000.00
0.510
165.1
1.182
45.5
0.130
62.8
0.608
–35.4
1100.00
0.539
159.6
1.088
42.6
0.140
65.9
0.604
–39.8
1200.00
0.549
152.3
1.021
37.7
0.151
66.4
0.585
–44.1
1300.00
0.554
147.3
0.977
33.4
0.168
67.6
0.573
–48.2
1400.00
0.554
143.7
0.874
29.6
0.177
68.6
0.564
–52.5
1500.00
0.577
140.5
0.821
24.1
0.195
67.9
0.561
–57.0
1600.00
0.596
137.3
0.750
24.4
0.209
71.0
0.557
–62.5
1700.00
0.615
132.3
0.693
21.7
0.228
69.9
0.548
–68.4
1800.00
0.629
128.5
0.676
21.3
0.253
71.0
0.536
–75.4
1900.00
0.636
125.1
0.640
19.1
0.277
69.2
0.527
–81.1
2000.00
0.649
121.9
0.626
15.9
0.302
66.3
0.510
–87.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com