Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC805K3GRS/D Datasheet(PDF) 57 Page - NXP Semiconductors

Part # HC805K3GRS/D
Description  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 53Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 54Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 55Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 56Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 57Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 58Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 59Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 60Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 119 page
background image
General Release Specification
Low-Power Modes
MC68HC805K3 — Rev. 1.0
Operational Modes
57
6.3.3 Wait Mode
The WAIT instruction places the MCU in a low-power wait mode, which
consumes more power than stop mode. In wait mode, the internal
processor clock is halted, suspending all processor and internal bus
activity. Internal timer clocks remain active, permitting interrupts to be
generated from the timer or a reset to be generated from the COP
watchdog timer. Execution of the WAIT instruction automatically clears
the I bit in the condition code register and sets the IRQE enable bit in the
IRQ status/control register so that the IRQ external interrupt is enabled.
All other registers, memory, and input/output lines remain in their
previous states.
If timer interrupts are enabled, a timer interrupt causes the processor to
exit wait mode and resume normal operation. Thus, the timer can be
used to generate a periodic exit from wait mode. Wait mode also is
exited when an external IRQ or RESET occurs.
6.3.4 COP Watchdog Timer Considerations
If the COP watchdog timer is enabled by the mask option register bit, any
execution of the STOP instruction (either intentional or inadvertent due
to the CPU being disturbed) causes the oscillator to halt and prevent the
COP watchdog timer from timing out unless the STOP instruction is
disabled by a mask option register bit.
If the mask option register bit is selected to enable the COP watchdog
timer, the COP resets the MCU when it times out. Therefore, it is
recommended that the mask option register bit be selected to disable the
COP watchdog for a system that must have intentional uses of the wait
mode for periods longer than the COP timeout period.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com