Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC805K3GRS/D Datasheet(PDF) 76 Page - NXP Semiconductors

Part # HC805K3GRS/D
Description  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 72Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 73Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 74Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 75Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 76Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 77Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 78Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 79Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 119 page
background image
General Release Specification
COP Watchdog Timer
MC68HC805K3 — Rev. 1.0
76
8-Bit Timer
8.4 COP Watchdog Timer
The computer operating properly (COP) watchdog timer function is
implemented on this device by using the output of the RTI circuit and
further dividing it by eight. The minimum COP reset times are listed in
Table 8-1.
If the COP circuit times out, an internal reset is generated and the reset
vector is fetched. Preventing a COP time out is done by writing a logical
zero to the COPC bit at address $03F0 as shown below. The COPR
register is shared with a user EEPROM byte. This address location is not
affected by any reset signals. Reading this location returns the user
EEPROM byte. When the COPC is cleared, only the final four bits used
to count eight RTI cycles are cleared. The COP watchdog timer can be
enabled/disabled by a mask option register bit.
8.5 Operating During Stop Mode
The timer system is cleared when going into stop mode. When STOP is
exited by an external interrupt or an external RESET, the internal
oscillator resumes, followed by a 16 or 4064 cycle internal processor
oscillator stabilization delay. The timer system counter is then cleared
and operation resumes. If the STOP instruction is disabled by mask
option register bit to create the halt mode, the effects on the timer are as
described in 8.6 Operating During Wait Mode.
$03F0
Bit 7
6543
2
1
Bit 0
Read:
Reading $03F0 returns the contents of User EEPROM
Write:
COPC
Reset:
—————
—
—
0
= Unimplemented
Figure 8-4. COPR Watchdog Timer Location
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com