Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC161DB Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC161DB
Description  Presettable synchronous 4-bit binary counter; asynchronous reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC161DB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC161DB Datasheet HTML 4Page - NXP Semiconductors 74LVC161DB Datasheet HTML 5Page - NXP Semiconductors 74LVC161DB Datasheet HTML 6Page - NXP Semiconductors 74LVC161DB Datasheet HTML 7Page - NXP Semiconductors 74LVC161DB Datasheet HTML 8Page - NXP Semiconductors 74LVC161DB Datasheet HTML 9Page - NXP Semiconductors 74LVC161DB Datasheet HTML 10Page - NXP Semiconductors 74LVC161DB Datasheet HTML 11Page - NXP Semiconductors 74LVC161DB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74LVC161
Presettable synchronous 4-bit binary counter;
asynchronous reset
1998 May 20
8
AC CHARACTERISTICS
GND = 0 V; tr = tf v 2.5 ns; CL = 50 pF; RL = 500W; Tamb = –40_C to +85_C
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
VCC = 1.2V
UNIT
MIN
TYP1
MAX
MIN
MAX
TYP
tPHL
tPLH
Propagation delay
CP to Qn
1
–
4.9
8.0
–
9.0
24
ns
tPHL
tPLH
Propagation delay
CP to TC
1
–
5.7
9.5
–
11
28
ns
tPHL
tPLH
Propagation delay
CET to TC
2
–
4.5
7.8
–
8.8
22
ns
tPHL
Propagation delay
MR to Qn
3
–
5.2
9.0
–
10
28
ns
tPHL
Propagation delay
MR to TC
3
–
5.7
10
–
11
20
ns
tW
Clock pulse width
HIGH or LOW
1
4.0
1.2
–
5.0
–
–
ns
tW
Master reset
width LOW
3
3.0
1.6
–
4.0
–
–
ns
trem
Removal time
MR to CP
3
0
–0.3
–
0
–
–
ns
tsu
Set-up time
Dn to CP
4
2.5
1.0
–
3.0
–
–
ns
tsu
Set-up time
PE to CP
4
3.0
1.2
–
3.5
–
–
ns
tsu
Set-up time
CEP, CET to CP
5
5.0
2.1
–
5.5
–
–
ns
th
Hold time
Dn, PE, CEP, CET to CP
4, 5
0
–1.7
–
0
–
–
ns
fmax
Maximum clock
pulse frequency
1
125
200
–
110
–
–
MHz
NOTE:
1. These typical values are at VCC = 3.3V and Tamb = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com