Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC161DB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC161DB
Description  Presettable synchronous 4-bit binary counter; asynchronous reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC161DB Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC161DB Datasheet HTML 1Page - NXP Semiconductors 74LVC161DB Datasheet HTML 2Page - NXP Semiconductors 74LVC161DB Datasheet HTML 3Page - NXP Semiconductors 74LVC161DB Datasheet HTML 4Page - NXP Semiconductors 74LVC161DB Datasheet HTML 5Page - NXP Semiconductors 74LVC161DB Datasheet HTML 6Page - NXP Semiconductors 74LVC161DB Datasheet HTML 7Page - NXP Semiconductors 74LVC161DB Datasheet HTML 8Page - NXP Semiconductors 74LVC161DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
Product specification
74LVC161
Presettable synchronous 4-bit binary counter;
asynchronous reset
1998 May 20
3
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
CEP
VCC
Q2
Q3
CET
Q1
TC
Q0
MR
CP
D3
D0
D1
D2
9
8
GND
PE
SF00656
LOGIC SYMBOL
CEP CET
CP
MR
710
21
VCC = Pin 16
GND = Pin 8
3
4
5
6
D0
D1
D2
D3
TC
15
9PE
SY00065
Q0
Q1
Q2
Q3
14
13
12
11
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1
MR
asynchronous master
reset (active LOW)
2
CP
clock input (LOW-to-HIGH,
edge-triggered)
3,4,5,6
D0 to D3
data inputs
7
CEP
count enable inputs
8
GND
ground (0V)
9
PE
parallel enable input
(active LOW)
10
CET
count enable carry input
14,13,12,11
Q0 to Q3
flip-flop outputs
15
TC
terminal count output
16
VCC
positive supply voltage
LOGIC SYMBOL (IEEE/IEC)
3
1,2 D
1
9
M1
4
5
6
14
13
12
11
15
4 CT=15
7
G3
10
G4
2
C2 /1,3,4+
R
CTR4
SY00066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com