Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC161DB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC161DB
Description  Presettable synchronous 4-bit binary counter; asynchronous reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC161DB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC161DB Datasheet HTML 5Page - NXP Semiconductors 74LVC161DB Datasheet HTML 6Page - NXP Semiconductors 74LVC161DB Datasheet HTML 7Page - NXP Semiconductors 74LVC161DB Datasheet HTML 8Page - NXP Semiconductors 74LVC161DB Datasheet HTML 9Page - NXP Semiconductors 74LVC161DB Datasheet HTML 10Page - NXP Semiconductors 74LVC161DB Datasheet HTML 11Page - NXP Semiconductors 74LVC161DB Datasheet HTML 12Page - NXP Semiconductors 74LVC161DB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
74LVC161
Presettable synchronous 4-bit binary counter;
asynchronous reset
1998 May 20
9
AC WAVEFORMS
VM = 1.5 V at VCC w 2.7 V
VM = 0.5 S VCC at VCC < 2.7 V
VOL and VOH are the typical output voltage drop that occur with the
output load.
VM
VM
1/fMAX
tw
tPLH
tPHL
CP INPUT
Qn, TC OUTPUT
SY00071
GND
VI
VOH
VOL
Waveform 1.
Clock (CP) to outputs (Qn, TC) propagation
delays, the clock pulse width and the maximum clock
frequency.
VM
tPLH
tPHL
CET INPUT
TC OUTPUT
VM
VI
GND
VOH
VOL
SY00072
Waveform 2.
Input (CET) to output (TC) propagation delays.
VM
VM
tw
trem
tPHL
MR INPUT
Qn, TC OUTPUT
GND
VI
VOH
VOL
SY00073
CP INPUT
GND
VI
Waveform 3.
Master reset (MR) pulse width, the master reset
to output (Qn, TC) propagation delays and the master reset to
clock (CP) removal times.
The shaded areas indicate when the input is permitted
to change for predictable output performance.
th
th
VM
VM
VM
VI
VI
VI
GND
GND
GND
PE INPUT
CP INPUT
Dn INPUT
tSU
tSU
th
tSU
th
tSU
SC00137
Waveform 4.
Setup and hold times for the input (Dn) and
parallel enable input (PE).
NOTE: The shaded areas indicate when the input is permitted
to change for predictable output performance.
VM
VM
VM
tsu
th
tsu
th
SC00138
VI
VI
GND
GND
CEP, CET
INPUT
CP INPUT
Waveform 5.
CEP and CET setup and hold times.
TEST CIRCUIT
SWITCH POSITION
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
VCC
500
Ω
Open
GND
S1
VCC
VI
< 2.7V
VCC
TEST
S1
tPLH/tPHL
Open
2.7V
2.7–3.6V
50pF
500
Ω
2 * VCC
SV00903
Waveform 6.
Load circuitry for switching times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com