Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT721 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BAT721
Description  40 V, 200 mA Schottky barrier diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT721 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAT721 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Nexperia
BAT721
40 V, 200 mA Schottky barrier diode
9. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF = 10 mA; tp ≤ 300 µs; δ ≤ 0.02;
pulsed; Tamb = 25 °C
-
-
300
mV
IF = 100 mA; tp ≤ 300 µs; δ ≤ 0.02;
pulsed; Tamb = 25 °C
-
-
420
mV
VF
forward voltage
IF = 200 mA; tp ≤ 300 µs; δ ≤ 0.02;
pulsed; Tamb = 25 °C
-
-
550
mV
VR = 30 V; Tamb = 25 °C
-
-
15
µA
IR
reverse current
VR = 30 V; Tj = 100 °C
-
-
3
mA
Cd
diode capacitance
VR = 0 V; f = 1 MHz; Tamb = 25 °C
-
40
50
pF
006aaa689
1
10
102
103
IF
(mA)
10- 1
VF (mV)
0
600
400
200
(1) (2)
(3)
(4)
(1) Tamb = 125 °C
(2) Tamb = 85 °C
(3) Tamb = 25 °C
(4) Tamb = -40 °C
Fig. 1. Forward current as a function of forward
voltage; typical values
006aaa690
IR
(mA)
VR (V)
0
40
30
10
20
10- 4
10- 2
1
10
10- 5
10- 3
10- 1
10- 6
(1)
(2)
(3)
(4)
(1) Tamb = 125 °C
(2) Tamb = 85 °C
(3) Tamb = 25 °C
(4) Tamb = -40 °C
Fig. 2. Reverse current as a function of reverse
voltage; typical values
40
30 VR (V)
Cd
(pF)
0
10
20
102
10
1
mbk574
Tamb = 25 °C; f = 1 MHz
Fig. 3. Diode capacitance as a function of reverse voltage; typical values
BAT721
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
1 October 2022
3 / 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com