Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT721 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAT721
Description  40 V, 200 mA Schottky barrier diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT721 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAT721 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BAT721
40 V, 200 mA Schottky barrier diode
1 October 2022
Product data sheet
1. General description
Planar Schottky barrier diode with an integrated guard ring for stress protection, encapsulated in a
SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic package.
2. Features and benefits
• Low forward voltage
• Low capacitance
• AEC-Q101 qualified
2.1. Applications
• Ultra high-speed switching
• Line termination
• Voltage clamping
• Reverse polarity protection
3. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
-
-
200
mA
VR
reverse voltage
-
-
40
V
VF
forward voltage
IF = 200 mA; tp ≤ 300 µs; δ ≤ 0.02;
pulsed; Tamb = 25 °C
-
-
550
mV
4. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
A
anode
2
n.c.
not connected
3
K
cathode
1
2
3
SOT23
aaa-024521
A
n.c.
K


Similar Part No. - BAT721

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT721 PHILIPS-BAT721 Datasheet
48Kb / 8P
Schottky barrier double diodes
1999 May 06
logo
Guangdong Kexin Industr...
BAT721 KEXIN-BAT721 Datasheet
37Kb / 1P
Schottky barrier (double) diodes
logo
NXP Semiconductors
BAT721 PHILIPS-BAT721 Datasheet
82Kb / 11P
Planar Schottky barrier diodes with an integrated guard ring for stress protection. Encapsulated in small Surface-Mounted Device (SMD) plastic packages.
Rev. 06-21 December 2006
logo
Nexperia B.V. All right...
BAT721 NEXPERIA-BAT721 Datasheet
655Kb / 11P
Schottky barrier diodes in small packages
Rev. 06 - 21 December 2006
logo
NXP Semiconductors
BAT721-215 PHILIPS-BAT721-215 Datasheet
82Kb / 11P
Planar Schottky barrier diodes with an integrated guard ring for stress protection. Encapsulated in small Surface-Mounted Device (SMD) plastic packages.
Rev. 06-21 December 2006
More results

Similar Description - BAT721

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BAT721A-Q NEXPERIA-BAT721A-Q Datasheet
193Kb / 8P
40 V, 200 mA Schottky barrier dual diode
24 November 2022
BAT721C NEXPERIA-BAT721C Datasheet
193Kb / 8P
40 V, 200 mA Schottky barrier dual diode
1 October 2022
BAT854CW-Q NEXPERIA-BAT854CW-Q Datasheet
188Kb / 8P
40 V, 200 mA Schottky barrier dual diode
4 January 2023
BAT854SW-Q NEXPERIA-BAT854SW-Q Datasheet
188Kb / 8P
40 V, 200 mA Schottky barrier dual diode
4 January 2023
1PS76SB21-Q NEXPERIA-1PS76SB21-Q Datasheet
190Kb / 10P
40 V, 200 mA Schottky barrier diode
25 July 2022
BAT854W-Q NEXPERIA-BAT854W-Q Datasheet
188Kb / 8P
40 V, 200 mA Schottky barrier diode
19 July 2022
1PS76SB21 NEXPERIA-1PS76SB21 Datasheet
185Kb / 7P
40 V, 200 mA Schottky barrier diode
1 October 2022
BAT721-Q NEXPERIA-BAT721-Q Datasheet
191Kb / 8P
40 V, 200 mA Schottky barrier diode
3 May 2023
BAT721S-Q NEXPERIA-BAT721S-Q Datasheet
192Kb / 8P
40 V, 200 mA Schottky barrier dual diode
3 May 2023
BAT854W NEXPERIA-BAT854W Datasheet
188Kb / 8P
40 V, 200 mA Schottky barrier diode
4 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com