Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT721 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAT721
Description  40 V, 200 mA Schottky barrier diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT721 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAT721 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Nexperia
BAT721
40 V, 200 mA Schottky barrier diode
5. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BAT721
SOT23
plastic, surface-mounted package; 3 terminals; 1.9 mm
pitch; 2.9 mm x 1.3 mm x 1 mm body
SOT23
6. Marking
Table 4. Marking codes
Type number
Marking code[1]
BAT721
L7%
[1] % = placeholder for manufacturing site code
7. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
40
V
IF
forward current
-
200
mA
IFSM
non-repetitive peak
forward current
half sine-wave pulse; tp ≤ 8.3 ms; JEDEC
method; Tj(init) = 25 °C
-
1
A
Tj
junction temperature
-
125
°C
Tamb
ambient temperature
-65
150
°C
Tstg
storage temperature
-65
150
°C
8. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] [2] -
-
500
K/W
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
[2] For Schottky barrier diodes thermal runaway has to be considered, as in some applications the reverse power losses PR are a
significant part of the total power losses.
BAT721
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
1 October 2022
2 / 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com