Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC169D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC169D
Description  Presettable synchronous 4-bit up/down binary counter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC169D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC169D Datasheet HTML 4Page - NXP Semiconductors 74LVC169D Datasheet HTML 5Page - NXP Semiconductors 74LVC169D Datasheet HTML 6Page - NXP Semiconductors 74LVC169D Datasheet HTML 7Page - NXP Semiconductors 74LVC169D Datasheet HTML 8Page - NXP Semiconductors 74LVC169D Datasheet HTML 9Page - NXP Semiconductors 74LVC169D Datasheet HTML 10Page - NXP Semiconductors 74LVC169D Datasheet HTML 11Page - NXP Semiconductors 74LVC169D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74LVC169
Presettable synchronous 4-bit up/down
binary counter
1998 May 20
8
AC CHARACTERISTICS
GND = 0 V; tr = tf v 2.5 ns; CL = 50 pF; RL = 500W; Tamb = –40_C to +85_C
LIMITS
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
VCC = 1.2V
UNIT
MIN.
TYP1
MAX.
MIN.
MAX.
TYP
tPHL/tPLH
propagation delay
CP to Qn
1
-
5.0
8.5
-
9.5
24
ns
tPHL/tPLH
propagation delay
CP to TC
1
-
6.5
10.8
-
12.8
30
ns
tPHL/tPLH
propagation delay
CET to TC
2
-
5.3
8.7
-
9.7
19
ns
tPHL/tPLH
propagation delay
U/D to TC
4
-
5.7
9.5
-
10.5
24
ns
tW
clock pulse width
HIGH or LOW
1
4.0
1.2
-
5.0
-
-
ns
tsu
set-up time
Dn to CP
3
2.5
1.0
-
3.0
-
-
ns
tsu
set-up time
PE to CP
3
3.0
1.2
-
3.5
-
-
ns
tsu
set-up time
U/D to CP
5
5.5
2.8
-
6.5
-
-
ns
tsu
set-up time
CEP, CET to CP
5
4.5
2.1
-
5.5
-
-
ns
th
hold time
Dn, PE, CEP, CET,
U/D to CP
3 and 5
0
*2.5
-
0
-
-
ns
fmax
maximum clock pulse
frequency
1
125
200
-
110
-
-
MHz
NOTE:
1. These typical values are measured at VCC = 3.3V and Tamb = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com