Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC169D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC169D
Description  Presettable synchronous 4-bit up/down binary counter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC169D Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC169D Datasheet HTML 1Page - NXP Semiconductors 74LVC169D Datasheet HTML 2Page - NXP Semiconductors 74LVC169D Datasheet HTML 3Page - NXP Semiconductors 74LVC169D Datasheet HTML 4Page - NXP Semiconductors 74LVC169D Datasheet HTML 5Page - NXP Semiconductors 74LVC169D Datasheet HTML 6Page - NXP Semiconductors 74LVC169D Datasheet HTML 7Page - NXP Semiconductors 74LVC169D Datasheet HTML 8Page - NXP Semiconductors 74LVC169D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
Product specification
74LVC169
Presettable synchronous 4-bit up/down
binary counter
1998 May 20
3
PIN CONFIGURATION
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VCC
TC
Q0
Q1
Q2
Q3
CET
PE
U/D
CP
D0
D1
D2
D3
CEP
GND
SF00766
LOGIC SYMBOL
9
3456
15
11
12
13
14
1
2
7
10
CP
CEP
CET
PE
D0
D1
D2
D3
Q0
Q1
Q2
Q3
TC
U/D
SF00786
VCC = Pin 16
GND = Pin 8
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1
U/D
up/down control input
2
CP
clock input (LOW-to-HIGH,
edge-triggered)
3,4,5,6
D0 to D3
data inputs
7
CEP
count enable inputs (active
LOW)
8
GND
ground (0V)
9
PE
parallel enable input
(active LOW)
10
CET
count enable carry input
(active LOW)
14,13,12,11
Q0 to Q3
flip-flop outputs
15
TC
terminal count output
(active LOW)
16
VCC
positive supply voltage
LOGIC SYMBOL (IEEE/IEC)
M4 [DOWN]
9
1
10
7
2
[1]
3
4
5
6
1, 7D
14
13
12
11
M1 [LOAD]
SF00787
M2 [COUNT]
M3 [UP]
CTR DIV 16
[2]
[4]
[8]
15
3, 5 CT=15
4, 5 CT=0
G5
G6
2, 3, 5, 6+/C7
2, 4, 5, 6–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com