Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC169D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC169D
Description  Presettable synchronous 4-bit up/down binary counter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC169D Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC169D Datasheet HTML 1Page - NXP Semiconductors 74LVC169D Datasheet HTML 2Page - NXP Semiconductors 74LVC169D Datasheet HTML 3Page - NXP Semiconductors 74LVC169D Datasheet HTML 4Page - NXP Semiconductors 74LVC169D Datasheet HTML 5Page - NXP Semiconductors 74LVC169D Datasheet HTML 6Page - NXP Semiconductors 74LVC169D Datasheet HTML 7Page - NXP Semiconductors 74LVC169D Datasheet HTML 8Page - NXP Semiconductors 74LVC169D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
74LVC169
Presettable synchronous 4-bit up/down
binary counter
2
1998 May 20
853-1866 19421
FEATURES
Wide supply voltage range of 1.2 V to 3.6 V
In accordance with JEDEC standard no. 8-1A
Inputs accept voltages up to 5.5 V
CMOS low power consumption
Direct interface with TTL levels
Synchronous counting and loading
Up/down counting
Modular 16 binary counter
Two count enable inputs for n-bit cascading
Built-in lookahead carry capability
Presettable for programmable operation
Positive-edge triggered clock
DESCRIPTION
The 74LVC169 is a high-performance, low-power, low-voltage,
Si-gate CMOS device and superior to most advanced CMOS
compatible TTL families.
The 74LVC169 is a synchronous presettable binary counter which
features an internal lookahead carry and can be used for high-speed
counting. Synchronous operation is provided by having all flip-flops
clocked simultaneously on the positive-going edge of the clock (CP).
The outputs (Q0 to Q3) of the counters may be preset to a HIGH or
LOW level. A LOW level at the parallel enable input (PE) disables
the counting action and causes the data at the data inputs
(D0 to D3) to be loaded into the counter on the positive-going edge
of the clock (provided that the set-up and hold time requirements for
PE are met). Preset takes place regardless of the levels at count
enable inputs (CEP and CET). A low level at the master reset input
(MR) sets all four outputs of the flip-flops (Q0 to Q3) to LOW level
after the next positive-going transition on the clock (CP) input
(provided that the set-up and hold time requirements for PE are
met).
This action occurs regardless of the levels at CP, PE, CET and CEP
inputs This synchronous reset feature enables the designer to
modify the maximum count with only one external NAND gate.
The lookahead carry simplifies serial cascading of the counters.
Both count enable inputs (CEP and CET) must be HIGH to count.
The CET input is fed forward to enable the terminal count output
(TC). The TC output thus enabled will produce a HIGH output pulse
of a duration approximately equal to a HIGH level output of Q0. This
pulse can be used to enable the next cascaded stage. The
maximum clock frequency for the cascaded counters is determined
by the CP to TC propagation delay and CEP to CP set-up time,
according to the following formula:
fmax =
1
_______________________________
tp(max) (CP to TC) + tSU (CEP to CP)
QUICK REFERENCE DATA
GND = 0V; Tamb = 25°C; TR = TF  2.5ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
CP to Qn
CP to TC
CET to TC
CL = 50 pF
VCC = 3.3V
5.0
6.5
5.3
ns
fMAX
maximum clock frequency
200
MHz
CI
input capacitance
5.0
pF
CPD
power dissipation capacitance per gate
notes 1 and 2
42
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD x VCC2 x fi +Σ (CL x VCC2 x fo ) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
Σ (CL x VCC2 x fo ) = sum of the outputs
2. The condition is V1 = GND to VCC
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
16-Pin Plastic SO
–40
°C to +85°C
74LVC169 D
74LVC169 D
SOT109-1
16-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVC169 DB
74LVC169 DB
SOT338-1
16-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVC169 PW
74LVC169PW DH
SOT403-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com