Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC16245ADGG Datasheet(PDF) 15 Page - NXP Semiconductors

Part # VC16245ADGG
Description  16-bit bus transceiver with direction pin; 5V tolerant 3-State
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VC16245ADGG Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button VC16245ADGG Datasheet HTML 11Page - NXP Semiconductors VC16245ADGG Datasheet HTML 12Page - NXP Semiconductors VC16245ADGG Datasheet HTML 13Page - NXP Semiconductors VC16245ADGG Datasheet HTML 14Page - NXP Semiconductors VC16245ADGG Datasheet HTML 15Page - NXP Semiconductors VC16245ADGG Datasheet HTML 16Page - NXP Semiconductors VC16245ADGG Datasheet HTML 17Page - NXP Semiconductors VC16245ADGG Datasheet HTML 18Page - NXP Semiconductors VC16245ADGG Datasheet HTML 19Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
74LVC_LVCH16245A_8
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 08 — 6 November 2008
15 of 19
NXP Semiconductors
74LVC16245A; 74LVCH16245A
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Fig 12. Package outline SOT702-1 (VFBGA56)
0.65
A1
b
A2
UNIT
D
y
e
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
02-08-08
03-07-01
IEC
JEDEC
JEITA
mm
1
0.3
0.2
0.7
0.6
4.6
4.4
y1
7.1
6.9
0.45
0.35
0.08
0.1
e1
3.25
e2
5.85
DIMENSIONS (mm are the original dimensions)
SOT702-1
MO-225
E
0.15
v
0.08
w
0
2.5
5 mm
scale
SOT702-1
VFBGA56: plastic very thin fine-pitch ball grid array package; 56 balls; body 4.5 x 7 x 0.65 mm
A
max.
A
A2
A1
detail X
y
y1 C
e
e
b
X
D
E
C
A
B
C
D
E
F
H
G
J
K
246
135
ball A1
index area
B
A
e2
e1
1/2
e
1/2
e
A
C
C
B
∅ v M
∅ w M
ball A1
index area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com