Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC16245ADGG Datasheet(PDF) 16 Page - NXP Semiconductors

Part # VC16245ADGG
Description  16-bit bus transceiver with direction pin; 5V tolerant 3-State
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VC16245ADGG Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button VC16245ADGG Datasheet HTML 11Page - NXP Semiconductors VC16245ADGG Datasheet HTML 12Page - NXP Semiconductors VC16245ADGG Datasheet HTML 13Page - NXP Semiconductors VC16245ADGG Datasheet HTML 14Page - NXP Semiconductors VC16245ADGG Datasheet HTML 15Page - NXP Semiconductors VC16245ADGG Datasheet HTML 16Page - NXP Semiconductors VC16245ADGG Datasheet HTML 17Page - NXP Semiconductors VC16245ADGG Datasheet HTML 18Page - NXP Semiconductors VC16245ADGG Datasheet HTML 19Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
74LVC_LVCH16245A_8
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 08 — 6 November 2008
16 of 19
NXP Semiconductors
74LVC16245A; 74LVCH16245A
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Fig 13. Package outline SOT1025-1 (HUQFN60U)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT1025-1
- - -
- - -
- - -
SOT1025-1
UNIT
A
max
mm
0.6
0.05
0.00
0.35
0.25
1.9
1.8
6.1
5.9
3.9
3.8
0.5
2.5
3
0.5
0.07
0.05
A1
DIMENSIONS (mm are the original dimensions)
HUQFN60U: plastic thermal enhanced ultra thin quad flat package; no leads
60 terminals; UTLP based; body 4 x 6 x 0.55 mm
b
D
4.1
3.9
Dh
E
Eh
e
e1
1
e2
e3
e4
4.5
eR
k
0.25
0.15
L
0.35
0.25
L1
0.125
0.025
v
wy1
0.1
y
0.08
0
2.5
5 mm
scale
C
y
C
y1
X
terminal 1
index area
B
A
D
E
detail X
A
A1
terminal 1
index area
e2
e3
e4
e1
eR
e
e
1/2 e
1/2 e
b
L1
L
A
C
B
v M
C
w M
D5
A1
B1
B7
A10
A11
B8
B10
A16
A32
B20
B18
A27
A26
B17
B11
A17
D1
D4
D2
D3
D6
D8
D7
Dh
Eh
k
A
C
B
v M
C
w M
07-08-28
07-11-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com