Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC16245ADGG Datasheet(PDF) 19 Page - NXP Semiconductors

Part # VC16245ADGG
Description  16-bit bus transceiver with direction pin; 5V tolerant 3-State
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VC16245ADGG Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button VC16245ADGG Datasheet HTML 11Page - NXP Semiconductors VC16245ADGG Datasheet HTML 12Page - NXP Semiconductors VC16245ADGG Datasheet HTML 13Page - NXP Semiconductors VC16245ADGG Datasheet HTML 14Page - NXP Semiconductors VC16245ADGG Datasheet HTML 15Page - NXP Semiconductors VC16245ADGG Datasheet HTML 16Page - NXP Semiconductors VC16245ADGG Datasheet HTML 17Page - NXP Semiconductors VC16245ADGG Datasheet HTML 18Page - NXP Semiconductors VC16245ADGG Datasheet HTML 19Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
NXP Semiconductors
74LVC16245A; 74LVCH16245A
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
© NXP B.V. 2008.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 6 November 2008
Document identifier: 74LVC_LVCH16245A_8
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
17. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4
Functional diagram . . . . . . . . . . . . . . . . . . . . . . 2
5
Pinning information . . . . . . . . . . . . . . . . . . . . . . 4
5.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
5.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 6
6
Functional description . . . . . . . . . . . . . . . . . . . 6
7
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 7
8
Recommended operating conditions. . . . . . . . 7
9
Static characteristics. . . . . . . . . . . . . . . . . . . . . 8
10
Dynamic characteristics . . . . . . . . . . . . . . . . . . 9
11
Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
12
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 13
13
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 17
14
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 17
15
Legal information. . . . . . . . . . . . . . . . . . . . . . . 18
15.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 18
15.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
15.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
15.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
16
Contact information. . . . . . . . . . . . . . . . . . . . . 18
17
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com