Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5183 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5183
Description  SILICON TRANSISTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5183 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5183 Datasheet HTML 4Page - Renesas Technology Corp 2SC5183 Datasheet HTML 5Page - Renesas Technology Corp 2SC5183 Datasheet HTML 6Page - Renesas Technology Corp 2SC5183 Datasheet HTML 7Page - Renesas Technology Corp 2SC5183 Datasheet HTML 8Page - Renesas Technology Corp 2SC5183 Datasheet HTML 9Page - Renesas Technology Corp 2SC5183 Datasheet HTML 10Page - Renesas Technology Corp 2SC5183 Datasheet HTML 11Page - Renesas Technology Corp 2SC5183 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
6
2SC5183
VCE = 1 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00
MAG
0.626
0.446
0.324
0.259
0.227
0.218
0.235
0.245
0.262
0.291
0.319
0.344
0.385
0.406
0.424
ANG
–44.6
–75.6
–100.3
–123.9
–147.9
–170.2
174.1
158.1
145.6
136.7
127.8
122.8
116.5
112.7
103.3
MAG
15.305
11.046
8.281
6.585
5.416
4.559
3.971
3.502
3.087
2.821
2.558
2.392
2.223
2.102
1.934
ANG
141.4
117.5
102.6
90.9
82.0
74.4
67.5
61.3
55.6
50.0
44.8
39.8
34.9
29.5
24.1
MAG
0.039
0.061
0.081
0.101
0.116
0.130
0.151
0.162
0.181
0.197
0.206
0.230
0.238
0.265
0.270
ANG
71.6
60.1
54.9
55.1
52.3
50.0
49.2
46.5
44.9
41.3
37.0
35.6
33.3
31.4
25.9
MAG
0.817
0.608
0.475
0.386
0.324
0.283
0.243
0.219
0.193
0.160
0.157
0.140
0.123
0.109
0.143
ANG
–28.6
–44.8
–53.3
–58.3
–62.0
–66.1
–73.8
–79.1
–89.0
–94.3
–103.0
–116.8
–127.2
–140.7
–164.1
VCE = 1 V, IC = 10 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00
MAG
0.522
0.352
0.254
0.213
0.202
0.206
0.229
0.246
0.269
0.291
0.315
0.344
0.383
0.407
0.437
ANG
–52.6
–85.4
–113.2
–137.8
–162.9
176.6
162.4
148.9
136.1
130.9
123.6
119.3
114.1
109.0
102.5
MAG
17.862
12.003
8.704
6.819
5.571
4.672
4.057
3.570
3.154
2.880
2.606
2.430
2.261
2.135
1.968
ANG
135.4
111.9
98.2
87.5
79.2
72.2
65.8
59.9
54.3
48.9
44.0
38.9
34.4
29.2
23.8
MAG
0.037
0.059
0.073
0.095
0.113
0.127
0.149
0.163
0.181
0.202
0.213
0.230
0.246
0.269
0.280
ANG
67.1
58.8
60.9
57.5
55.9
54.6
52.7
50.0
47.5
43.7
41.1
37.5
35.6
32.5
26.4
MAG
0.753
0.528
0.407
0.323
0.271
0.236
0.201
0.181
0.155
0.134
0.132
0.118
0.101
0.099
0.144
ANG
–33.4
–48.7
–55.6
–60.4
–64.3
–70.0
–76.8
–84.0
–93.3
–102.0
–113.6
–131.8
–143.1
–156.8
–177.6
VCE = 1 V, IC = 20 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00
MAG
0.339
0.229
0.185
0.191
0.203
0.223
0.253
0.276
0.294
0.320
0.354
0.375
0.409
0.429
0.459
ANG
–73.6
–112.5
–146.6
–169.2
171.9
157.5
147.3
137.6
129.5
124.1
117.7
114.8
110.0
105.6
99.1
MAG
21.029
12.708
8.896
6.844
5.545
4.636
4.022
3.531
3.113
2.840
2.562
2.398
2.226
2.094
1.936
ANG
125.3
103.7
91.9
82.6
75.2
68.8
62.9
57.4
52.1
47.0
42.1
37.4
33.0
27.9
22.4
MAG
0.030
0.051
0.076
0.094
0.117
0.132
0.151
0.176
0.185
0.208
0.228
0.244
0.258
0.285
0.296
ANG
69.4
65.5
66.7
61.4
61.5
57.9
53.6
50.7
49.3
45.0
42.2
40.0
35.2
31.6
26.4
MAG
0.606
0.390
0.291
0.237
0.190
0.166
0.144
0.127
0.109
0.103
0.102
0.105
0.103
0.119
0.166
ANG
–42.1
–54.8
–60.3
–63.9
–69.2
–76.1
–84.7
–99.6
–112.8
–131.8
–141.3
–167.8
–176.7
174.6
164.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com