Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5183 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 2SC5183
Description  SILICON TRANSISTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5183 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 2SC5183 Datasheet HTML 5Page - Renesas Technology Corp 2SC5183 Datasheet HTML 6Page - Renesas Technology Corp 2SC5183 Datasheet HTML 7Page - Renesas Technology Corp 2SC5183 Datasheet HTML 8Page - Renesas Technology Corp 2SC5183 Datasheet HTML 9Page - Renesas Technology Corp 2SC5183 Datasheet HTML 10Page - Renesas Technology Corp 2SC5183 Datasheet HTML 11Page - Renesas Technology Corp 2SC5183 Datasheet HTML 12Page - Renesas Technology Corp 2SC5183 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
7
2SC5183
VCE = 2 V, IC = 1 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.z0
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00
MAG
0.944
0.903
0.840
0.773
0.684
0.606
0.539
0.484
0.432
0.422
0.408
0.418
0.428
0.444
0.471
ANG
–16.2
–31.6
–47.7
–63.7
–79.5
–96.4
–112.9
–128.8
–144.8
–161.6
–175.8
169.6
156.9
146.3
135.0
MAG
3.536
3.412
3.270
3.130
2.932
2.693
2.503
2.298
2.104
1.968
1.807
1.717
1.619
1.527
1.427
ANG
165.1
151.1
137.7
123.8
111.7
100.0
89.5
79.2
70.6
62.3
54.9
47.8
41.4
34.3
27.9
MAG
0.039
0.074
0.108
0.133
0.154
0.172
0.181
0.181
0.183
0.184
0.187
0.189
0.188
0.199
0.196
ANG
79.8
68.9
60.6
51.5
43.3
36.6
30.9
26.2
21.3
18.9
16.4
14.3
12.2
13.9
13.5
MAG
0.983
0.953
0.911
0.853
0.797
0.735
0.675
0.628
0.585
0.553
0.526
0.488
0.467
0.446
0.419
ANG
–8.7
–17.1
–25.0
–32.6
–37.9
–44.3
–50.7
–54.5
–59.8
–63.6
–67.9
–72.5
–75.4
–81.4
–91.1
VCE = 2 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MAG
0.827
0.713
0.582
0.476
0.381
0.322
0.285
0.258
0.248
0.263
0.276
0.300
0.337
0.353
0.381
MHz
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00
ANG
–25.9
–47.8
–67.5
–85.7
–103.9
–123.1
–141.8
–160.4
–178.5
165.2
152.1
142.8
133.1
125.5
115.9
MAG
9.104
7.914
6.749
5.790
4.988
4.304
3.812
3.399
3.026
2.776
2.523
2.368
2.218
2.095
1.935
ANG
156.0
136.1
120.1
106.1
95.3
85.7
77.4
69.8
63.2
56.6
50.7
45.1
39.8
33.7
27.9
MAG
0.037
0.068
0.088
0.103
0.118
0.125
0.137
0.148
0.162
0.168
0.182
0.192
0.206
0.222
0.225
ANG
77.0
59.6
56.1
51.5
45.6
43.7
39.8
41.5
39.1
37.1
35.0
33.1
31.3
29.5
25.9
MAG
0.943
0.831
0.731
0.632
0.555
0.501
0.445
0.408
0.370
0.339
0.324
0.292
0.273
0.252
0.228
ANG
–15.4
–28.1
–37.2
–44.0
–47.6
–52.6
–57.0
–61.2
–65.2
–69.6
–73.6
–78.0
–81.2
–86.9
–102.4
VCE = 2 V, IC = 5 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00
MAG
0.734
0.576
0.432
0.337
0.263
0.216
0.206
0.191
0.199
0.230
0.250
0.273
0.313
0.341
0.362
ANG
–32.7
–57.2
–77.6
–96.1
–116.6
–138.0
–160.4
–179.5
161.0
150.7
138.1
131.2
124.0
117.4
109.1
MAG
12.966
10.301
8.183
6.721
5.619
4.788
4.191
3.722
3.298
3.024
2.741
2.565
2.394
2.257
2.089
ANG
149.3
126.8
111.1
98.3
88.8
80.4
73.1
66.5
60.3
54.5
48.8
43.7
38.8
33.2
27.8
MAG
0.035
0.059
0.078
0.092
0.106
0.121
0.136
0.144
0.158
0.167
0.189
0.200
0.217
0.225
0.249
ANG
74.4
60.1
55.5
55.5
51.3
51.2
48.5
47.4
45.1
41.0
40.0
38.1
36.0
33.6
28.1
MAG
0.894
0.735
0.616
0.520
0.455
0.404
0.363
0.329
0.298
0.266
0.264
0.228
0.204
0.193
0.171
ANG
–20.4
–34.3
–42.1
–47.2
–50.3
–53.7
–58.4
–61.8
–67.4
–72.0
–75.7
–82.1
–86.1
–90.5
–112.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com