Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5183 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 2SC5183
Description  SILICON TRANSISTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5183 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 2SC5183 Datasheet HTML 6Page - Renesas Technology Corp 2SC5183 Datasheet HTML 7Page - Renesas Technology Corp 2SC5183 Datasheet HTML 8Page - Renesas Technology Corp 2SC5183 Datasheet HTML 9Page - Renesas Technology Corp 2SC5183 Datasheet HTML 10Page - Renesas Technology Corp 2SC5183 Datasheet HTML 11Page - Renesas Technology Corp 2SC5183 Datasheet HTML 12Page - Renesas Technology Corp 2SC5183 Datasheet HTML 13Page - Renesas Technology Corp 2SC5183 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
8
2SC5183
VCE = 2 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MAG
0.653
0.475
0.338
0.255
0.200
0.166
0.168
0.168
0.184
0.215
0.242
0.264
0.310
0.331
0.350
ANG
–37.7
–63.8
–84.5
–104.5
–125.2
–150.4
–171.1
168.4
151.8
141.5
129.3
124.5
119.2
112.8
108.0
MAG
15.782
11.759
8.990
7.211
5.957
5.029
4.395
3.883
3.442
3.142
2.855
2.660
2.476
2.334
2.164
ANG
144.1
120.9
106.0
94.1
85.3
77.6
71.0
64.7
58.9
53.4
48.1
42.9
38.4
33.0
27.8
MAG
0.034
0.055
0.071
0.084
0.102
0.121
0.132
0.148
0.162
0.179
0.182
0.204
0.218
0.240
0.250
ANG
69.7
65.6
60.1
55.5
56.3
55.0
53.0
50.3
48.1
44.4
42.2
39.4
36.0
34.1
29.0
MAG
0.853
0.666
0.546
0.460
0.397
0.360
0.319
0.290
0.254
0.232
0.217
0.189
0.169
0.156
0.153
ANG
–23.8
–37.6
–43.9
–47.5
–50.5
–53.1
–58.2
–62.7
–69.2
–72.5
–78.3
–89.1
–91.6
–93.9
–118.7
VCE = 2 V, IC = 10 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MAG
0.551
0.373
0.248
0.188
0.144
0.135
0.144
0.159
0.176
0.210
0.237
0.267
0.302
0.340
0.360
MHz
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00
ANG
–43.3
–69.6
–90.3
–112.1
–137.4
–163.1
176.0
156.1
138.6
131.3
125.1
119.1
114.0
111.0
103.5
MAG
18.674
12.955
9.543
7.543
6.175
5.195
4.525
3.994
3.529
3.231
2.933
2.740
2.555
2.396
2.205
ANG
138.6
115.2
101.3
90.6
82.4
75.3
69.2
63.3
57.9
52.7
47.6
42.7
38.2
32.7
27.7
MAG
0.031
0.051
0.068
0.082
0.098
0.117
0.134
0.150
0.160
0.179
0.194
0.207
0.219
0.236
0.256
ANG
69.7
65.3
62.3
62.2
58.4
57.7
53.6
52.1
51.2
47.0
44.2
41.5
38.3
35.2
29.8
MAG
0.800
0.590
0.478
0.403
0.352
0.317
0.281
0.259
0.228
0.201
0.185
0.162
0.143
0.127
0.134
ANG
–27.6
–39.9
–45.3
–47.7
–50.5
–53.2
–57.5
–61.9
–68.3
–71.4
–81.2
–90.7
–90.9
–101.1
–127.4
VCE = 2 V, IC = 20 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00
MAG
0.367
0.223
0.142
0.108
0.108
0.122
0.141
0.159
0.193
0.217
0.245
0.278
0.314
0.335
0.357
ANG
–54.7
–82.7
–107.6
–137.1
–170.1
168.0
148.9
137.5
127.3
123.6
117.4
113.9
110.1
106.1
99.8
MAG
22.865
14.270
10.122
7.845
6.376
5.346
4.638
4.087
3.611
3.297
2.987
2.801
2.597
2.458
2.259
ANG
129.1
107.1
95.3
86.0
78.6
72.3
66.6
61.3
56.1
51.2
46.3
41.7
37.3
32.2
26.7
MAG
0.026
0.045
0.062
0.084
0.101
0.118
0.135
0.152
0.169
0.183
0.203
0.221
0.232
0.260
0.262
ANG
73.5
68.7
67.7
67.2
63.4
60.7
57.8
56.9
52.1
50.3
46.5
43.5
40.0
36.6
30.8
MAG
0.682
0.477
0.389
0.327
0.291
0.260
0.232
0.209
0.184
0.158
0.147
0.127
0.110
0.096
0.117
ANG
–33.0
–42.2
–44.6
–46.8
–48.1
–52.5
–57.7
–62.8
–70.4
–76.2
–84.1
–95.5
–104.8
–109.1
–143.4
MHz
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com