Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5195 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5195
Description  SILICON TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5195 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5195 Datasheet HTML 1Page - Renesas Technology Corp 2SC5195 Datasheet HTML 2Page - Renesas Technology Corp 2SC5195 Datasheet HTML 3Page - Renesas Technology Corp 2SC5195 Datasheet HTML 4Page - Renesas Technology Corp 2SC5195 Datasheet HTML 5Page - Renesas Technology Corp 2SC5195 Datasheet HTML 6Page - Renesas Technology Corp 2SC5195 Datasheet HTML 7Page - Renesas Technology Corp 2SC5195 Datasheet HTML 8Page - Renesas Technology Corp 2SC5195 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©
1994
DATA SHEET
SILICON TRANSISTOR
FEATURES
PACKAGE DRAWINGS
•
Low Voltage Operation, Low Phase Distortion
(Unit: mm)
•
Low Noise
NF = 1.5 dB TYP. @VCE = 3 V, IC = 7 mA, f = 2 GHz
NF = 1.5 dB TYP. @VCE = 1 V, IC = 3 mA, f = 2 GHz
•
Large Absolute Maximum Collector Current
IC = 100 mA
•
Supercompact Mini Mold Package
ORDERING INFORMATION
PART NUMBER
QUANTITY
PACKING STYLE
2SC5195
In-bulk products
Embossed tape 8 mm wide.
(50 pcs.)
Pin 3 (Collector) face to perforation side of
2SC5195-T1
Taped products
the tape.
(3 Kpcs/Reel)
Remark
If you require an evaluation sample, please contact an NEC
Sales Representative. (Unit sample quantity is 50 pcs.)
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
PARAMETER
SYMBOL
RATING
UNIT
Collector to Base Voltage
VCBO
9V
Collector to Emitter Voltage
VCEO
6V
Emitter to Base Voltage
VEBO
2V
Collector Current
IC
100
mA
Total Power Dissipation
PT
125
mW
Junction Temperature
Tj
150
˚C
Storage Temperature
Tstg
–65 to +150
˚C
2SC5195
MICROWAVE LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
This device uses radio frequency technology. Take due precautions to protect it from excessive input levels such as static electricity.
2
1
3
PIN CONNECTIONS
1. Emitter
2. Base
3. Collector
1.6±0.1
0.8±0.1
Document No. P10398EJ2V0DS00 (2nd edition)
(Previous No. TD-2488)
Date Published August 1995 P
Printed in Japan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com