Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5195 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 2SC5195
Description  SILICON TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5195 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 2SC5195 Datasheet HTML 4Page - Renesas Technology Corp 2SC5195 Datasheet HTML 5Page - Renesas Technology Corp 2SC5195 Datasheet HTML 6Page - Renesas Technology Corp 2SC5195 Datasheet HTML 7Page - Renesas Technology Corp 2SC5195 Datasheet HTML 8Page - Renesas Technology Corp 2SC5195 Datasheet HTML 9Page - Renesas Technology Corp 2SC5195 Datasheet HTML 10Page - Renesas Technology Corp 2SC5195 Datasheet HTML 11Page - Renesas Technology Corp 2SC5195 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
2SC5195
9
VCE = 3 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.770
–40.0
18.346
132.6
0.023
36.3
0.939
–20.0
200.00
0.666
–73.3
14.212
131.4
0.054
48.3
0.733
–39.5
300.00
0.588
–97.6
11.480
116.0
0.068
48.8
0.585
–32.1
400.00
0.516
–114.1
9.252
106.4
0.077
49.5
0.483
–56.7
500.00
0.471
–128.3
7.604
100.8
0.083
49.7
0.406
–58.3
600.00
0.446
–139.5
6.608
96.4
0.089
51.0
0.372
–57.1
700.00
0.436
–148.8
5.788
91.0
0.097
50.8
0.341
–61.9
800.00
0.422
–158.0
5.104
86.6
0.102
50.9
0.287
–63.3
900.00
0.398
–163.6
4.477
82.8
0.109
52.1
0.256
–64.2
1000.00
0.398
–170.5
4.074
79.8
0.117
52.9
0.233
–62.9
1100.00
0.391
–177.1
3.744
76.3
0.125
52.8
0.233
–65.9
1200.00
0.404
177.9
3.472
73.4
0.131
32.5
0.218
–72.5
1300.00
0.413
172.1
3.212
70.3
0.138
52.0
0.198
–74.5
1400.00
0.420
170.7
3.041
68.0
0.146
51.8
0.184
–76.2
1500.00
0.419
165.7
2.904
63.8
0.157
50.9
0.181
–76.5
1600.00
0.407
163.4
2.752
60.4
0.169
50.6
0.179
–81.1
1700.00
0.414
158.2
2.621
57.4
0.178
50.8
0.165
–84.2
1800.00
0.408
153.0
2.462
56.5
0.187
51.9
0.159
–89.7
1900.00
0.429
149.8
2.340
54.7
0.194
52.1
0.152
–93.8
2000.00
0.437
143.6
2.212
53.5
0.200
52.0
0.155
–97.4
VCE = 3 V, IC = 10 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.686
–46.4
21.798
147.0
0.027
33.4
0.895
–23.1
200.00
0.580
–84.7
16.506
125.3
0.048
47.1
0.657
–45.9
300.00
0.506
–109.6
12.733
110.8
0.060
50.4
0.506
–58.0
400.00
0.447
–126.2
10.027
102.2
0.069
52.6
0.408
–62.1
500.00
0.420
–139.2
8.183
97.3
0.076
54.4
0.336
–63.5
600.00
0.408
–149.9
7.058
93.3
0.084
56.0
0.306
–61.2
700.00
0.401
–157.8
6.167
88.4
0.092
55.7
0.283
–66.1
800.00
0.391
–166.1
5.399
84.4
0.099
56.1
0.235
–68.5
900.00
0.370
–171.1
4.744
81.0
0.107
57.0
0.206
–69.5
1000.00
0.373
–177.6
4.311
78.2
0.117
57.3
0.188
–67.6
1100.00
0.369
176.0
3.939
75.0
0.126
57.0
0.191
–70.4
1200.00
0.383
171.9
3.667
72.3
0.132
56.6
0.178
–78.4
1300.00
0.392
166.9
3.381
69.4
0.140
55.9
0.159
–81.3
1400.00
0.399
165.9
3.207
67.1
0.149
53.3
0.146
–83.4
1500.00
0.400
161.2
3.064
63.2
0.161
54.2
0.143
–83.7
1600.00
0.390
139.2
2.884
60.0
0.173
53.4
0.143
–89.1
1700.00
0.397
154.5
2.741
57.1
0.183
53.4
0.131
–94.0
1800.00
0.394
149.5
2.584
56.2
0.193
54.1
0.127
–101.0
1900.00
0.414
146.5
2.457
54.6
0.201
54.1
0.123
–106.2
2000.00
0.423
142.7
2.314
53.6
0.208
53.7
0.128
–109.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com