Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5195 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5195
Description  SILICON TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5195 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5195 Datasheet HTML 4Page - Renesas Technology Corp 2SC5195 Datasheet HTML 5Page - Renesas Technology Corp 2SC5195 Datasheet HTML 6Page - Renesas Technology Corp 2SC5195 Datasheet HTML 7Page - Renesas Technology Corp 2SC5195 Datasheet HTML 8Page - Renesas Technology Corp 2SC5195 Datasheet HTML 9Page - Renesas Technology Corp 2SC5195 Datasheet HTML 10Page - Renesas Technology Corp 2SC5195 Datasheet HTML 11Page - Renesas Technology Corp 2SC5195 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2SC5195
6
VCE = 1 V, IC = 5 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.812
–40.5
13.835
153.5
0.036
51.3
0.914
–22.7
200.00
0.733
–74.9
11.096
132.3
0.078
48.7
0.742
–43.0
300.00
0.672
–99.8
8.862
116.3
0.097
45.0
0.599
–61.4
400.00
0.604
–117.1
7.167
106.1
0.106
42.9
0.489
–69.5
500.00
0.539
–131.2
5.890
100.2
0.111
41.1
0.404
–74.3
600.00
0.540
–142.3
5.131
95.6
0.119
41.2
0.361
–75.8
700.00
0.532
–151.5
4.515
89.5
0.126
40.0
0.329
–83.5
800.00
0.513
–160.7
3.985
84.6
0.130
40.3
0.274
–89.3
900.00
0.498
–165.9
3.496
80.4
0.136
41.3
0.242
–93.2
1000.00
0.493
–172.6
3.196
77.4
0.144
42.1
0.220
–95.3
1100.00
0.483
–179.2
2.924
73.5
0.150
41.9
0.219
–99.1
1200.00
0.501
176.0
2.736
70.2
0.154
41.7
0.211
–107.3
1300.00
0.510
170.3
2.514
66.8
0.160
41.1
0.192
–112.5
1400.00
0.519
169.4
2.390
64.2
0.168
41.2
0.178
–117.6
1500.00
0.518
164.2
2.296
59.6
0.180
40.5
0.173
–119.2
1600.00
0.498
161.6
2.164
56.0
0.193
40.4
0.175
–125.0
1700.00
0.506
136.6
2.066
52.7
0.201
41.3
0.168
–132.1
1800.00
0.496
131.7
1.942
51.7
0.209
42.7
0.172
–137.9
1900.00
0.518
148.3
1.848
49.3
0.215
42.9
0.174
–143.2
2000.00
0.526
144.5
1.751
48.6
0.220
42.8
0.181
–145.3
VCE = 1 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.723
–48.8
17.674
148.0
0.040
43.6
0.869
–27.4
200.00
0.656
–88.8
13.024
125.3
0.069
46.3
0.656
–54.8
300.00
0.396
–114.3
10.093
110.2
0.082
44.9
0.510
–71.8
400.00
0.338
–131.1
7.935
101.3
0.092
44.8
0.406
–80.4
500.00
0.514
–143.7
6.491
96.3
0.098
45.6
0.327
–86.1
600.00
0.509
–153.9
5.611
92.0
0.107
46.7
0.288
–87.8
700.00
0.502
–161.6
4.884
86.5
0.115
46.3
0.269
–96.1
800.00
0.488
–169.7
4.301
82.1
0.121
46.7
0.226
–104.6
900.00
0.465
–174.3
3.766
78.5
0.129
47.9
0.200
–110.2
1000.00
0.473
179.6
3.446
75.7
0.139
48.5
0.181
–112.9
1100.00
0.467
173.2
3.139
72.1
0.147
48.3
0.183
–115.7
1200.00
0.485
169.4
2.924
69.1
0.154
47.8
0.184
–174.5
1300.00
0.494
164.3
2.690
65.9
0.161
47.1
0.170
–131.3
1400.00
0.502
164.1
2.561
63.4
0.171
46.8
0.160
–137.7
1500.00
0.504
159.1
2.445
59.0
0.184
45.7
0.155
–140.4
1600.00
0.485
156.9
2.307
53.7
0.198
45.1
0.163
–145.6
1700.00
0.493
152.2
2.200
52.6
0.207
45.6
0.162
–153.3
1800.00
0.487
147.7
2.063
51.8
0.217
46.3
0.172
–158.2
1900.00
0.509
144.7
1.964
50.0
0.224
46.4
0.176
–162.6
2000.00
0.517
141.1
1.854
48.9
0.230
46.0
0.184
–163.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com