Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5667 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 2SC5667
Description  NPN SILICON RF TRANSISTOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5667 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 2SC5667 Datasheet HTML 8Page - Renesas Technology Corp 2SC5667 Datasheet HTML 9Page - Renesas Technology Corp 2SC5667 Datasheet HTML 10Page - Renesas Technology Corp 2SC5667 Datasheet HTML 11Page - Renesas Technology Corp 2SC5667 Datasheet HTML 12Page - Renesas Technology Corp 2SC5667 Datasheet HTML 13Page - Renesas Technology Corp 2SC5667 Datasheet HTML 14Page - Renesas Technology Corp 2SC5667 Datasheet HTML 15Page - Renesas Technology Corp 2SC5667 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Data Sheet P14853EJ1V0DS00
10
2SC5667
VCE = 2 V, IC = 3 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
GHz
MAG.ANG.MAG.
ANG.MAG.ANG.MAG.ANG.
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
6.0
7.0
8.0
0.886
0.883
0.845
0.813
0.764
0.710
0.661
0.612
0.569
0.525
0.493
0.459
0.426
0.397
0.371
0.346
0.322
0.298
0.284
0.269
0.253
0.238
0.235
0.228
0.223
0.219
0.215
0.213
0.204
0.206
0.336
0.537
0.635
0.726
0.783
−6.4
−15.8
−23.2
−30.4
−37.7
−43.6
−48.9
−54.2
−58.6
−63.2
−67.4
−71.7
−75.7
−80.0
−83.3
−87.6
−91.8
−96.1
−100.7
−105.5
−111.4
−116.0
−120.6
−126.8
−131.9
−136.6
−142.1
−146.7
−152.4
−159.8
154.4
125.2
107.6
92.4
86.4
8.436
8.211
7.874
7.565
7.158
6.717
6.316
5.947
5.608
5.317
5.051
4.783
4.548
4.320
4.121
3.942
3.768
3.613
3.464
3.346
3.249
3.125
3.025
2.945
2.848
2.779
2.705
2.617
2.551
2.479
1.989
1.515
1.195
0.924
0.759
170.4
162.2
153.9
145.7
138.1
131.1
125.2
119.8
114.3
109.5
105.0
100.7
96.7
93.0
89.1
85.6
82.1
78.8
75.7
72.7
69.8
67.1
64.2
61.3
59.0
56.2
53.8
51.3
49.1
46.6
21.4
−2.8
−16.8
−32.2
−33.1
0.014
0.028
0.041
0.052
0.062
0.071
0.078
0.084
0.089
0.094
0.098
0.102
0.106
0.110
0.114
0.118
0.123
0.127
0.132
0.137
0.142
0.147
0.153
0.160
0.166
0.173
0.180
0.187
0.195
0.204
0.311
0.407
0.462
0.494
0.509
87.5
79.9
74.7
69.8
66.4
62.8
60.4
58.4
56.8
55.8
55.1
54.4
54.1
53.9
54.0
54.3
54.6
55.0
55.2
55.7
56.5
57.0
57.5
57.7
57.9
58.3
58.4
58.4
58.1
58.0
50.3
35.7
20.7
7.2
−1.6
0.990
0.971
0.941
0.904
0.862
0.815
0.770
0.728
0.690
0.653
0.620
0.591
0.564
0.539
0.517
0.497
0.479
0.462
0.448
0.434
0.421
0.411
0.401
0.391
0.381
0.373
0.366
0.361
0.353
0.345
0.373
0.511
0.641
0.736
0.783
−6.2
−12.6
−18.7
−24.5
−29.7
−34.5
−38.8
−42.5
−45.9
−49.0
−51.9
−54.4
−57.0
−59.5
−61.8
−64.1
−66.3
−68.4
−70.8
−73.2
−75.5
−78.2
−80.8
−83.6
−86.6
−90.0
−93.4
−96.5
−99.5
−103.5
−152.1
164.0
135.3
114.4
100.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com