Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5667 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 2SC5667
Description  NPN SILICON RF TRANSISTOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5667 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 2SC5667 Datasheet HTML 12Page - Renesas Technology Corp 2SC5667 Datasheet HTML 13Page - Renesas Technology Corp 2SC5667 Datasheet HTML 14Page - Renesas Technology Corp 2SC5667 Datasheet HTML 15Page - Renesas Technology Corp 2SC5667 Datasheet HTML 16Page - Renesas Technology Corp 2SC5667 Datasheet HTML 17Page - Renesas Technology Corp 2SC5667 Datasheet HTML 18Page - Renesas Technology Corp 2SC5667 Datasheet HTML 19Page - Renesas Technology Corp 2SC5667 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Data Sheet P14853EJ1V0DS00
14
2SC5667
NOISE PARAMETERS
VCE = 2 V, IC = 3 mA
Frequency
NFmin.
Ga
Γopt
Rn/50
(GHz)
(dB)
(dB)
MAG.
ANG. (deg.)
0.8
0.83
18.1
0.37
22.9
0.22
1.0
0.86
16.3
0.36
29.3
0.21
1.5
0.93
13.2
0.31
46.7
0.19
1.8
0.97
11.9
0.26
60.0
0.16
2.0
1.00
11.1
0.23
70.8
0.15
2.5
1.07
9.6
0.16
107.0
0.12
VCE = 2 V, IC = 5 mA
Frequency
NFmin.
Ga
Γopt
Rn/50
(GHz)
(dB)
(dB)
MAG.
ANG. (deg.)
0.8
0.88
18.5
0.24
19.6
0.19
1.0
0.91
16.7
0.23
26.6
0.18
1.5
0.96
13.5
0.18
41.2
0.17
1.8
1.00
12.2
0.14
54.6
0.15
2.0
1.02
11.4
0.11
68.2
0.14
2.5
1.08
9.8
0.06
128.5
0.12
VCE = 2 V, IC = 7 mA
Frequency
NFmin.
Ga
Γopt
Rn/50
(GHz)
(dB)
(dB)
MAG.
ANG. (deg.)
0.8
1.07
19.1
0.13
35.5
0.17
1.0
1.09
17.0
0.12
11.3
0.17
1.5
1.13
13.8
0.06
27.3
0.16
1.8
1.16
12.5
0.03
75.9
0.14
2.0
1.17
11.7
0.02
119.0
0.14
2.5
1.22
9.9
0.07
−115.5
0.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com