Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5667 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # 2SC5667
Description  NPN SILICON RF TRANSISTOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5667 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button 2SC5667 Datasheet HTML 13Page - Renesas Technology Corp 2SC5667 Datasheet HTML 14Page - Renesas Technology Corp 2SC5667 Datasheet HTML 15Page - Renesas Technology Corp 2SC5667 Datasheet HTML 16Page - Renesas Technology Corp 2SC5667 Datasheet HTML 17Page - Renesas Technology Corp 2SC5667 Datasheet HTML 18Page - Renesas Technology Corp 2SC5667 Datasheet HTML 19Page - Renesas Technology Corp 2SC5667 Datasheet HTML 20Page - Renesas Technology Corp 2SC5667 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Data Sheet P14853EJ1V0DS00
15
2SC5667
VCE = 2 V, IC = 10 mA
Frequency
NFmin.
Ga
Γopt
Rn/50
(GHz)
(dB)
(dB)
MAG.
ANG. (deg.)
0.8
1.25
19.1
0.04
−59.8
0.16
1.0
1.27
17.4
0.03
117.5
0.15
1.5
1.31
13.9
0.04
−75.8
0.16
1.8
1.34
12.5
0.07
−88.8
0.16
2.0
1.35
11.7
0.09
−112.4
0.15
2.5
1.40
10.1
0.16
−112.0
0.15
VCE = 2 V, IC = 20 mA
Frequency
NFmin.
Ga
Γopt
Rn/50
(GHz)
(dB)
(dB)
MAG.
ANG. (deg.)
0.8
1.69
19.2
0.15
−146.7
0.16
1.0
1.70
17.3
0.18
−138.6
0.16
1.5
1.74
14.0
0.22
−126.0
0.18
1.8
1.77
12.6
0.24
−121.9
0.19
2.0
1.78
11.8
0.24
−119.9
0.20
2.5
1.83
10.2
0.27
−115.1
0.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com