Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6362 Datasheet(PDF) 2 Page - Anderson Power Products, Inc.

Part # 6362
Description  SBE® 320 / SBX® 350 Connectors Up to 550 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

6362 Datasheet(HTML) 2 Page - Anderson Power Products, Inc.

  6362 Datasheet HTML 1Page - Anderson Power Products, Inc. 6362 Datasheet HTML 2Page - Anderson Power Products, Inc. 6362 Datasheet HTML 3Page - Anderson Power Products, Inc. 6362 Datasheet HTML 4Page - Anderson Power Products, Inc. 6362 Datasheet HTML 5Page - Anderson Power Products, Inc. 6362 Datasheet HTML 6Page - Anderson Power Products, Inc. 6362 Datasheet HTML 7Page - Anderson Power Products, Inc. 6362 Datasheet HTML 8Page - Anderson Power Products, Inc. 6362 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
- 116 -
All Data Subject To Change Without Notice
www.andersonpower.com
SBE® 320 / SBX® 350 CONNECTOR TEMPERATURE CHARTS - Temperature rise charts are
based on a 25°C ambient temperature.
SBE® 320 / SBX® 350
Derating vs. Ambient Temperature
25
50
75
100
125
Amperes Applied
350 MCM
300 MCM
4/0 AWG - 120mm²
3/0 AWG
2/0 AWG
1/0 AWG
0
SBE® 320 / SBX® 350
Temperature Rise at Constant Current
0
10
20
30
40
50
60
0
Amperes Applied
350 MCM
300 MCM
4/0 AWG - 120mm²
3/0 AWG
2/0 AWG
1/0 AWG
SBE® 320 / SBX® 350 CONNECTOR SPECIFICATIONS
ELECTRICAL
SBX® & SBE®
SBE® Only
Current Rating Amperes 1
UL
CSA
EN1175-1
Primary Power (350 MCM)
550
350
320
Powerpole® Auxiliary
(12 AWG)
20
20
N/A
1x4 Auxiliary (12 AWG)
20
20
N/A
PPMX (20 AWG)
5
5
N/A
Voltage Rating AC/DC
Primary Power (350 MCM)
600
150 4
Powerpole® Auxiliary
(12 AWG)
600
150 4
1x4 Auxiliary (12 AWG)
600
N/A
PPMX (20 AWG)
600
N/A
Dielectric Withstanding Voltage
Volts AC
2,200
* Average Mated Contact Resistance milliohms
2 1/2 " 350 MCM
0.05
MATERIALS
Housings
SBX® and Powerpole®
Auxiliary Housings
Polycarbonate
SBE®, PPMX and 1x4
Auxiliary Housings
Polycarbonate / PBT blend
Housing Flammability Rating UL
IEC (SBE® Only)
SBX® / SBE®
94 V-0
960°C (GWFI)
850°C (GWIT)
Contact Materials
Power Contacts
Au Plated Copper
Powerpole® Auxiliary
Au or Sn - Copper Alloy
1x4 Auxiliary Contacts
Pin
Au Over NI - Copper Allow
Socket
Au Over NI - BeCu
Socket Body
Sn Over Ni, Copper Alloy
Retention Clip
Stainless Steel
PPMX Contacts
Gold Plated Copper Alloy
* Not UL rated
Contact Terminations 3- Crimp or Hand Solder
Current - Temperature Derating per IEC 60512-5-2 Test 5B



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com