Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6362 Datasheet(PDF) 1 Page - Anderson Power Products, Inc.

Part # 6362
Description  SBE® 320 / SBX® 350 Connectors Up to 550 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

6362 Datasheet(HTML) 1 Page - Anderson Power Products, Inc.

  6362 Datasheet HTML 1Page - Anderson Power Products, Inc. 6362 Datasheet HTML 2Page - Anderson Power Products, Inc. 6362 Datasheet HTML 3Page - Anderson Power Products, Inc. 6362 Datasheet HTML 4Page - Anderson Power Products, Inc. 6362 Datasheet HTML 5Page - Anderson Power Products, Inc. 6362 Datasheet HTML 6Page - Anderson Power Products, Inc. 6362 Datasheet HTML 7Page - Anderson Power Products, Inc. 6362 Datasheet HTML 8Page - Anderson Power Products, Inc. 6362 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
- 115 -
All Data Subject To Change Without Notice
www.andersonpower.com
SBE® 320 / SBX® 350 ORDERING INFORMATION
SBE® 320 / SBX® 350 Connectors
Up to 550 Amps
[ 200.0 ]
7.88
[ 33.3 ]
1.31
[ 61.9 ]
2.44
[ 28.6 ]
1.13
[ 15.9 ]
0.63
[ 83.4 ]
3.28
[ 125.4 ]
4.94
Ø [ 6.7 ]
0.27
Top View
Mated Length
SBE® and SBX®connectors can integrate up to 8 auxiliary power
/ signal contacts along with the two primary power circuits.
Sequencing within auxiliary positions is possible using the 4 pin
lengths available in the 1x4 auxiliary connector. SBE® and SBX®
offer touch safe housings.
• Silver Plated Wire Contacts up to 350 mcm (185 mm²)
Allows low resistance UL rated currents up to 550 amps per pole
• Up to 8 Auxiliaries
Enables intelligent power switching, CAN and interlock loop circuitry,
as well as power up to 20 amps per pole. Auxiliaries are all Last-mate/
First-break relative to power contacts.
SBE® 320 / SBX® 350 Housings
The largest size of SBE®, X, O style housing. SBE® housings are molded from a chemical resistant
PBT. SBX® housings are molded from PC. SBE® 320 and SBX® 350 housings of the same Voltage
Color-Code cannot be mated. SBX® 350 housings do not meet EN1175-1 requirements for industrial trucks.
Description
SBE® 320 Part Numbers
SBX® 350 Part Numbers
Minimum Quantity
100
25
100
25
Yellow
2-8171G6
E6362
2-7249G6
6362
Orange
2-8171G7
E6339
2-7249G7
6339
Red
2-8171G3
E6352
2-7249G3
6352
Gray
2-8171G1
E6350
2-7249G1
6350
Blue
2-8171G2
E6351
2-7249G2
6351
Green
2-8171G4
E6353
2-7249G4
6353
Black
2-8171G5
E6361
2-7249G5
6361
Brown
2-8171G8
E6336
N/A
N/A
Purple
2-8171G9
E6349
N/A
N/A
SBE® 320 / SBX® 350 Silver Plated Primary Power Wire Contacts
Silver plated contacts offer superior electrical performance and durability up to 10,000 mating cycles.
See reducing bushings in accessory section for smaller wires.
Dimensions
- A -
- B -
- C -
- D -
AWG
mm²
Loose Piece Part Numbers
inches mm
inches mm
inches mm
inches mm
Minimum Quantity
200
150
50
300/350 mcm 150
-
6358-BK
6358 * 3.03
76.96
0.88
22.20
0.75 19.05
1.25
31.80
4/0
120
6356-BK
-
6356 * 3.10
78.74
0.75
19.05
0.64 16.26
1.25
31.80
3/0
95
6355-BK
-
6355 * 3.10
78.74
0.70
17.78
0.58 14.73
1.25
31.80
2/0
70
6354-BK
-
6354 * 3.10
78.74
0.64
16.26
0.49 12.45
1.25
31.80
2
35
6394-BK
-
6394 * 3.10
78.74
0.51
12.95
0.38 9.50
1.25
31.80
* Sold as pairs. 2 parts shipped for every 1 part ordered.
SBE® 320 DIN Standard Silver Plated Primary Power Wire Contacts
Crimp barrel O.D. are compliant with DIN standard tooling. Will also fit into SBX® 350 housings. Not recommended
for cross mating with above typical contacts for SBE® & SBX®.
Dimensions
Loose Piece
- A -
- B -
- C -
- D -
AWG mm²
Part Numbers
inches mm
inches mm
inches mm
inches mm
Minimum Quantity 200
50
3/0
95
1341G3-BK
1341G3 * 2.89
73.41
0.78
19.81
0.59
14.99
0.94
23.88
2/0
70
1341G2-BK
1341G2 * 2.74
69.60
0.68
17.27
0.51
12.95
0.79
20.07
1/0
50
1341G1-BK
1341G1 * 2.65
67.31
0.57
14.48
0.43
10.92
0.79
20.07
* Sold as pairs. 2 parts shipped for every 1 part ordered.
[ 20.6 ]
0.81
B
A
D
C
[ 20.6 ]
0.81
B
A
D
C


Similar Part No. - 6362

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6362 ALPHAWIRE-6362 Datasheet
72Kb / 1P
Component 1 2 X 1 PAIR
logo
List of Unclassifed Man...
6362-45 ETC2-6362-45 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
6362-47 ETC2-6362-47 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
6362-49 ETC2-6362-49 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
6362-50 ETC2-6362-50 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
More results

Similar Description - 6362

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
SBS® Connectors Up to 110 amps
REV C7.1
PP120 APP-PP120 Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
SB® 120 Connectors Up to 240 Amps
REV C7
SB175 APP-SB175 Datasheet
1Mb / 9P
SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
SB350 APP-SB350_V01 Datasheet
151Kb / 2P
SB® 350 Connector
logo
Lapp.
0091370 LAPP-0091370 Datasheet
72Kb / 1P
OLFLEX® HEAT 350 MC
01.01.2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com