Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6362 Datasheet(PDF) 8 Page - Anderson Power Products, Inc.

Part # 6362
Description  SBE® 320 / SBX® 350 Connectors Up to 550 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

6362 Datasheet(HTML) 8 Page - Anderson Power Products, Inc.

  6362 Datasheet HTML 1Page - Anderson Power Products, Inc. 6362 Datasheet HTML 2Page - Anderson Power Products, Inc. 6362 Datasheet HTML 3Page - Anderson Power Products, Inc. 6362 Datasheet HTML 4Page - Anderson Power Products, Inc. 6362 Datasheet HTML 5Page - Anderson Power Products, Inc. 6362 Datasheet HTML 6Page - Anderson Power Products, Inc. 6362 Datasheet HTML 7Page - Anderson Power Products, Inc. 6362 Datasheet HTML 8Page - Anderson Power Products, Inc. 6362 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
- 122 -
All Data Subject To Change Without Notice
www.andersonpower.com
Reducing Bushings: for Use with Contact Part Number 6354 and Bushing Part Number 5918
Use with contact part number 6354-BK and bushing part number 5918-BK to allow a smaller wire to be used
with the connector. Electrical capability is derated with smaller wire.
Bushing Part Number 5918
Dimensions
Barrel Size
Wire Size
- ID -
AWG mm²
AWG mm²
Part Numbers
inches mm
Minimum Quantity
1,500
1,000
500
100
1/0
53.5
1
42.4
-
-
5687-BK 5687
0.39
9.91
1/0
53.5
2
33.6
5690-BK
-
-
5690
0.34
8.64
1/0
53.5
4
21.2
-
5693-BK
-
5693
0.27
6.86
1/0
53.5
6
13.3
-
5663-BK
-
5663
0.22
5.59
1/0
53.5
10 to 8 5.3 to 8.4 5648-BK
-
-
5648
0.19
4.83
Reducing Bushings: for Use with Contact Part Number 6354
Use with contact part number 6354-BK to allow a smaller wire to
be used with the connector. Electrical capability is derated with
smaller wire.
Contact Barrel Size / Wire Size
Part Number
Minimum Quantity
500
100
2/0 AWG (67.4 mm²) 1/0 AWG (53.5 mm²)
5918-BK
5918
Reducing Bushings: for Use with Contact Part Number 6394
Use with contact part number 6394-BK to allow a smaller wire to be
used with the connector. Electrical capability is derated with smaller wire.
Dimensions
- ID -
Contact Barrel Size / Wire Size
Part Numbers
inches mm
Minimum Quantity
1,000
100
35 mm²
16 mm²
5920-BK
5920
0.23
5.8
ID
[ 25.4 ]
1.00
Wire Entrance
Wire Entrance
[ 28.4 ]
1.12
[ 11.1 ]
0.44
[ 21.4 ]
0.84
Wire Entrance
ID



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com