Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5704 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5704
Description  NPN SILICON RF TRANSISTOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5704 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5704 Datasheet HTML 1Page - Renesas Technology Corp 2SC5704 Datasheet HTML 2Page - Renesas Technology Corp 2SC5704 Datasheet HTML 3Page - Renesas Technology Corp 2SC5704 Datasheet HTML 4Page - Renesas Technology Corp 2SC5704 Datasheet HTML 5Page - Renesas Technology Corp 2SC5704 Datasheet HTML 6Page - Renesas Technology Corp 2SC5704 Datasheet HTML 7Page - Renesas Technology Corp 2SC5704 Datasheet HTML 8Page - Renesas Technology Corp 2SC5704 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
Document No. P15364EJ1V0DS00 (1st edition)
Date Published April 2001 NS CP(K)
Printed in Japan
©
2001
NPN SILICON RF TRANSISTOR
2SC5704
NPN SILICON RF TRANSISTOR FOR
LOW NOISE
⋅⋅⋅⋅ HIGH-GAIN AMPLIFICATION
6-PIN LEAD-LESS MINIMOLD
FEATURES
• Ideal for low noise
⋅ high-gain amplification and oscillation at 3 GHz or over
NF = 1.1 dB TYP. @ VCE = 2 V, IC = 5 mA, f = 2 GHz
• High fT: fT = 25.0 GHz TYP. @ VCE = 3 V, IC = 30 mA, f = 2 GHz
• 6-pin lead-less minimold package
ORDERING INFORMATION
Part Number
Quantity
Supplying Form
2SC5704
50 pcs (Non reel)
• 8 mm wide embossed taping
2SC5704-T3
10 kpcs/reel
• Pin 1 (Collector), Pin 6 (Emitter) face the perforation side of the tape
Remark To order evaluation samples, consult your NEC sales representative.
Unit sample quantity is 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
15
V
Collector to Emitter Voltage
VCEO
3.3
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
35
mA
Total Power Dissipation
Ptot
Note
115
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Mounted on 1.08 cm
2
× 1.0 mm (t) glass epoxy substrate
Because this product uses high-frequency technology, avoid excessive static electricity, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com