Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5704 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 2SC5704
Description  NPN SILICON RF TRANSISTOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5704 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 2SC5704 Datasheet HTML 11Page - Renesas Technology Corp 2SC5704 Datasheet HTML 12Page - Renesas Technology Corp 2SC5704 Datasheet HTML 13Page - Renesas Technology Corp 2SC5704 Datasheet HTML 14Page - Renesas Technology Corp 2SC5704 Datasheet HTML 15Page - Renesas Technology Corp 2SC5704 Datasheet HTML 16Page - Renesas Technology Corp 2SC5704 Datasheet HTML 17Page - Renesas Technology Corp 2SC5704 Datasheet HTML 18Page - Renesas Technology Corp 2SC5704 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Data Sheet P15364EJ1V0DS
13
2SC5704
VCE = 1 V, IC = 10 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
K
MAG/MSG
(GHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
(dB)
(deg.)
(deg.)
(deg.)
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.712
0.683
0.668
0.642
0.615
0.595
0.572
0.555
0.542
0.529
0.528
0.522
0.523
0.525
0.524
0.528
0.531
0.530
0.530
0.535
0.535
0.537
0.542
0.545
0.549
0.551
0.553
0.554
0.549
0.553
0.583
0.613
−12.7
−27.6
−41.7
−55.0
−67.7
−79.4
−90.6
−100.7
−110.2
−119.1
−127.0
−134.2
−140.8
−146.4
−151.5
−155.9
−159.9
−163.6
−166.6
−170.0
−172.6
−174.7
−177.6
−179.7
178.2
176.1
174.0
172.5
170.1
168.3
148.4
132.6
20.483
19.790
19.166
18.137
17.002
15.910
14.739
13.624
12.683
11.734
10.953
10.202
9.529
8.936
8.382
7.902
7.440
7.040
6.681
6.339
6.041
5.793
5.527
5.303
5.095
4.886
4.699
4.540
4.365
4.206
3.139
2.388
171.2
161.2
152.8
144.3
136.6
129.7
123.6
118.1
112.7
108.2
104.1
100.2
96.7
93.6
90.5
87.9
85.2
82.9
81.0
78.4
76.6
74.5
72.9
71.1
69.2
67.7
65.9
64.2
62.3
60.5
43.8
29.2
0.010
0.018
0.026
0.033
0.039
0.044
0.048
0.051
0.054
0.056
0.058
0.059
0.061
0.062
0.063
0.064
0.065
0.066
0.066
0.068
0.068
0.069
0.071
0.072
0.073
0.073
0.075
0.076
0.077
0.078
0.090
0.103
85.9
73.9
68.9
63.5
58.1
53.1
49.4
45.8
42.9
40.4
38.3
36.3
34.9
33.5
32.5
31.4
30.8
30.3
29.7
29.1
28.8
28.4
28.3
27.9
27.6
27.3
26.9
26.5
26.3
26.0
23.2
16.3
0.954
0.921
0.880
0.822
0.763
0.696
0.639
0.576
0.529
0.481
0.446
0.409
0.383
0.353
0.334
0.308
0.293
0.271
0.259
0.240
0.231
0.215
0.208
0.194
0.187
0.176
0.170
0.160
0.157
0.148
0.185
0.216
−8.6
−17.4
−25.4
−33.3
−40.6
−47.3
−53.4
−59.3
−64.9
−70.3
−75.2
−80.0
−84.3
−88.6
−92.4
−96.2
−99.5
−103.0
−106.0
−109.3
−112.5
−115.4
−118.6
−121.5
−125.1
−127.9
−132.5
−136.0
−141.1
−144.9
175.0
151.9
0.112
0.182
0.183
0.228
0.273
0.324
0.368
0.422
0.464
0.513
0.546
0.592
0.625
0.663
0.699
0.739
0.771
0.816
0.852
0.886
0.916
0.948
0.971
1.001
1.022
1.054
1.076
1.102
1.140
1.163
1.291
1.399
33.32
30.39
28.74
27.37
26.37
25.58
24.86
24.24
23.70
23.20
22.78
22.34
21.96
21.58
21.23
20.92
20.59
20.30
20.03
19.73
19.45
19.22
18.94
18.56
17.56
16.81
16.30
15.83
15.27
14.88
12.17
9.88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com