Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5704 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 2SC5704
Description  NPN SILICON RF TRANSISTOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5704 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 2SC5704 Datasheet HTML 18Page - Renesas Technology Corp 2SC5704 Datasheet HTML 19Page - Renesas Technology Corp 2SC5704 Datasheet HTML 20Page - Renesas Technology Corp 2SC5704 Datasheet HTML 21Page - Renesas Technology Corp 2SC5704 Datasheet HTML 22Page - Renesas Technology Corp 2SC5704 Datasheet HTML 23Page - Renesas Technology Corp 2SC5704 Datasheet HTML 24Page - Renesas Technology Corp 2SC5704 Datasheet HTML 25Page - Renesas Technology Corp 2SC5704 Datasheet HTML 26Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Data Sheet P15364EJ1V0DS
20
2SC5704
VCE = 2 V, IC = 20 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
K
MAG/MSG
(GHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
(dB)
(deg.)
(deg.)
(deg.)
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.590
0.557
0.546
0.527
0.503
0.489
0.470
0.460
0.457
0.451
0.456
0.456
0.464
0.467
0.472
0.477
0.479
0.480
0.482
0.487
0.490
0.495
0.499
0.501
0.506
0.507
0.509
0.513
0.509
0.513
0.547
0.582
−16.1
−32.8
−48.9
−63.8
−77.8
−90.2
−102.0
−112.1
−122.0
−130.5
−137.9
−144.7
−150.8
−155.5
−160.2
−164.4
−167.7
−170.8
−173.5
−176.3
−179.0
179.3
177.0
175.4
173.3
171.5
169.8
168.2
166.2
164.4
146.1
131.3
27.877
26.790
25.594
23.769
21.934
20.219
18.495
16.930
15.605
14.342
13.324
12.372
11.488
10.748
10.069
9.470
8.911
8.423
7.975
7.590
7.214
6.922
6.602
6.321
6.069
5.820
5.596
5.400
5.190
5.014
3.712
2.845
170.0
158.9
149.5
140.5
132.6
125.6
119.7
114.4
109.3
105.2
101.2
97.6
94.4
91.6
88.8
86.3
83.9
81.8
80.0
77.5
75.8
74.0
72.6
70.8
69.0
67.5
65.8
64.3
62.5
60.8
44.8
30.8
0.008
0.013
0.020
0.025
0.029
0.033
0.035
0.038
0.040
0.042
0.043
0.045
0.046
0.048
0.049
0.050
0.051
0.052
0.053
0.055
0.056
0.058
0.059
0.060
0.062
0.063
0.065
0.066
0.067
0.069
0.085
0.100
85.5
74.2
68.4
63.5
58.9
54.7
51.4
49.0
46.9
45.4
44.0
43.2
42.3
41.6
41.0
40.6
40.3
40.1
39.7
39.3
39.2
39.1
38.9
38.3
38.4
38.1
37.9
37.3
37.2
36.8
33.3
24.6
0.938
0.901
0.851
0.783
0.719
0.645
0.587
0.524
0.478
0.432
0.397
0.364
0.340
0.312
0.295
0.271
0.257
0.236
0.225
0.207
0.199
0.184
0.177
0.164
0.158
0.146
0.140
0.130
0.126
0.117
0.157
0.190
−9.1
−18.5
−26.9
−34.9
−42.0
−48.4
−54.0
−59.6
−64.4
−69.2
−73.6
−78.1
−81.9
−85.8
−89.2
−92.7
−95.6
−98.8
−101.6
−104.6
−107.6
−110.1
−113.2
−115.5
−119.3
−121.4
−126.3
−129.4
−135.2
−138.8
175.8
152.1
0.184
0.236
0.257
0.309
0.363
0.428
0.485
0.547
0.593
0.649
0.687
0.733
0.762
0.806
0.837
0.876
0.908
0.947
0.980
1.004
1.027
1.048
1.070
1.091
1.107
1.133
1.149
1.164
1.194
1.206
1.284
1.337
35.30
32.98
31.12
29.83
28.79
27.91
27.17
26.50
25.92
25.37
24.91
24.43
23.95
23.55
23.15
22.79
22.41
22.06
21.75
21.00
20.07
19.45
18.87
18.36
17.93
17.44
17.03
16.67
16.20
15.88
13.23
11.07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com