Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPARCH-RM/D Datasheet(PDF) 56 Page - NXP Semiconductors

Part # C5NPARCH-RM/D
Description  C-5e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5NPARCH-RM/D Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button C5NPARCH-RM/D Datasheet HTML 52Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 53Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 54Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 55Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 56Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 57Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 58Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 59Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 114 page
background image
56
CHAPTER 2: SIGNAL DESCRIPTIONS
C
QMU to Q-5 TMC (External
Mode) Interface Signals
The QMU to Q-5 Traffic Management Coprocessor (TMC) signals are described in Table 28.
Table 28 QMU to Q-5 (External Mode) Interface Signals
SIGNAL NAME
PIN #
TOTAL
TYPE
I/O
SIGNAL DESCRIPTION
QA0 - QA15
C8, B8, A8, F9, E9, D9, C9, B9, A9, F10, D10,
C10, A10, G11, F11, E11
16
LVTTL
O
Enqueue Data [8:23]
QA16
D11
1
LVTTL
O
Enqueue Parity
QD0 - QD23
G1, F1, E1, D1, C1, B1, G2, F2, D2, C2, A2, G3,
E3, D3, B3, A3, G4, F4, E4, D4, C4, B4, A4, G5
24
LVTTL
I
PD
Dequeue Data [0:23]
QD24 - QD31
F5, E5, D5, C5, B5, A5, F6, D6
8
LVTTL
I
PD
Enqueue Data [0:7]
QDQPAR
C11
1
LVTTL
I
PD
Dequeue Parity
QARDY
E8
1
LVTTL
I
PD
Dequeue Ack Ready
QNQRDY
D8
1
LVTTL
I
PD
Enqueue Ready
QWEX
C6
1
LVTTL
O
Dequeue Ready
QBCLKO
A6
1
LVTTL
O
Output ClockB
QBCLKI
E7
1
LVTTL
I
PD
Input ClockB
QACLKO
D7
1
LVTTL
O
Output ClockA
QACLKI
B7
1
LVTTL
I
PD
Input ClockA
QDPL
A7
1
LVTTL
O
Dequeue Ack [0]
QDPH
F8
1
LVTTL
O
Dequeue Ack [1]
TOTAL PINS
59
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com