Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPARCH-RM/D Datasheet(PDF) 57 Page - NXP Semiconductors

Part # C5NPARCH-RM/D
Description  C-5e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5NPARCH-RM/D Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button C5NPARCH-RM/D Datasheet HTML 53Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 54Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 55Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 56Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 57Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 58Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 59Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 60Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 114 page
background image
Pin Descriptions Grouped by Function
57
03
Power Supply Signals
Power supply, and ground signals are described in Table 29.
Table 29 Power Supply Signals
SIGNAL NAME
PIN #
TOTAL
TYPE
SIGNAL DESCRIPTION
VDD
J13, J15, J17, J19, K12, K14, K16, K18, L11, L13, L15,
L17, L19, M12, M14, M16, M18, N13, N15, N17, N19,
P12, P14, P16, P18, R11, R13, R15, R17, R19, T12, T14,
T16, T18, U11, U13, U15, U17, U19, V12, V14, V16,
V18, W11, W13, W15, W17, W19, Y12, Y14, Y16, Y18,
AA11, AA13, AA15, AA17, AA19,
57
P
Core Supply Voltage (1.2V Input)
VDD33
B20, B28, C13, C17, C23, E15, F23, F27, H12, H14,
H16, H18, H20, J28, K20, K23, M20, N24, P20, P27,
T20, U28, V20, V23, Y20, AA6, AA24, AB3, AB10,
AB18, AB20, AB27, AE24, AF3, AF27, AH2, AH20,
AH28
38
P
I/O Supply Voltage (3.3V Input)
GND
B6, B15, B24, C3, C27, D12, D18, E2, E6, E10, E20, E24,
E28, H11, H13, H15, H17, H19, J6, J10, J12, J14, J16,
J18, J20, J24, K3, K11, K13, K15, K17, K19, K27, L10,
L12, L14, L16, L18, L20, M11, M13, M15, M17, M19,
N2, N10, N12, N14, N16, N18, N20, N28, P7, P11, P13,
P15, P17, P19, P23, R10, R12, R14, R16, R18, R20, T11,
T13, T15, T17, T19, U6, U10, U12, U14, U16, U18, U20,
U24, V3, V11, V13, V15, V17, V19, V27, W10, W12,
W14, W16, W18, W20, Y11, Y13, Y15, Y17, Y19, AA2,
AA10, AA12, AA14, AA16, AA18, AA20, AA28, AB7,
AB11, AB13, AB15, AB17, AB19, AB23, AE2, AE10,
AE20, AE28, AF7, AF12, AF18, AF23, AH6, AH15,
AH24
122
P
Ground
VDDF
AB12, AB14, AB16, AE6, AE15, AG13, AG17, AH10
8
P
Fabric I/O supply (3.3 or 2.5V)
VDDT
B2, B10, C7, F3, F7, H10, J2, J11, K7, K10, M10, N6,
N11, P3, P10, T10, U2, V7, V10, Y10
20
P
TLU and QMU I/O supply (3.3V)
TOTAL PINS
245
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com