Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPARCH-RM/D Datasheet(PDF) 58 Page - NXP Semiconductors

Part # C5NPARCH-RM/D
Description  C-5e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5NPARCH-RM/D Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button C5NPARCH-RM/D Datasheet HTML 54Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 55Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 56Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 57Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 58Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 59Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 60Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 61Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 114 page
background image
58
CHAPTER 2: SIGNAL DESCRIPTIONS
C
Test Signals
Test signals are described in Table 30.
During JTAG, SCLK and SCLKX must remain as differential inputs.
No Connection Pins
No connection pins are listed in Table 31.
Table 30 Miscellaneous Test Signals For JTAG, Scan, and Internal Test Routines
SIGNAL NAME
PIN #
TOTAL
TYPE
I/O
SIGNAL DESCRIPTION
JTCK
C15
1
LVTTL
I
PD
Test Clock
JTMS
A14
1
LVTTL
I
PD
Test Mode Select. High selects modes
as defined in the IEEE 1149.1 JTAG
specification.
JTRSTX†
A12
1
LVTTL
I
PD
Test Reset (low active)
JTDI†
B14
1
LVTTL
I
PD
Test Data In
JTDO
A13
1
LVTTL
O
Test Data Out
JHIGHZ
B13
1
LVTTL
I
PD
Turns off all output drivers when High
JCLKBYP
C14
1
LVTTL
I
PD
1X or 2X Clock Mode Select. Low
selects 1X, High selects 2X.
JSE
D15
1
LVTTL
I
PD
Scan Enable. High enables scan test.
JS00-JS05
D14, A16, D13, C12, A15, B12
6
LVTTL
O
Scan Out Pins
TOTAL PINS
14
Table 31 No Connection Pins
SIGNAL NAME
PIN #
TOTAL
TYPE
I/O
SIGNAL DESCRIPTION
NC3 - NC5
B11, A11, A18
3
nc
I
PD/O
Reserved for future functionality
TOTAL PINS
3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com