Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5C5EDELTA-RM/D Datasheet(PDF) 43 Page - NXP Semiconductors

Part # C5C5EDELTA-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5C5EDELTA-RM/D Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button C5C5EDELTA-RM/D Datasheet HTML 39Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 40Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 41Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 42Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 43Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 44Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 45Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 46Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 114 page
background image
Pin Descriptions Grouped by Function
43
03
Executive Processor
System Interface Signals
The XP’s system interface manages the supervisory controls for the network interfaces, as
well as the set of pins that provide interfaces to other components in the system that are
not memories or network interfaces. It is also the primary interface used for initializing the
C-3e NP after reset. The XP signals include PCI signals, Serial interface signals, and PROM
interface signals.
PCI Signals
The PCI can be configured to support a 32bit PCI capable of operating at either 33MHz or
66MHz. The PCI is fully compliant with PCI Specification revision 2.1. Table 15 describes
the PCI signals.
Table 15 PCI Signals
SIGNAL NAME
PIN #
TOTAL
TYPE
I/O
SIGNAL DESCRIPTION
PAD0 - PAD31
AB9, AC9, AE9, AF9, AB8, AC8,
AD8, AE8, AF8, AG8, AB7, AC7,
AD7, AE7, AF7, AG7, AB6, AC6,
AE6, AG6, AB5, AC5, AD5, AE5,
AF5, AG5, AB4, AD4, AF4, AG4,
AA3, AB3,
32
PCI
I/O
Multiplexed Address/Data Bus. These signals are
multiplexed address and data bits. The C-3e NP
receives addresses as target and drives addresses as
master. It drives the data and receives read data as
master.
PCBEX0 - PCBEX3
AB2, AG3, AF3, AE3
4
PCI
I/O
Command byte enables. These signals are
multiplexed command and byte enabled signals.
The C-3e NP receives byte enables as target and drives
byte enables as master.
PPAR
AG1
1
PCI
I/O
Parity. This signal carries even parity for AD and CBE#
pins. It has the same receive and drive characteristics
as the address and data bus, except that it is one PCI
cycle later.
PFRAMEX
AA7
1
PCI
I/O
Cycle frame
PTRDYX
AB1
1
PCI
I/O
Target ready for data transfer
PIRDYX
AC2
1
PCI
I/O
Initiator ready for data transfer
PSTOPX
AE2
1
PCI
I/O
Target transaction stop request
PDEVSELX
AG2
1
PCI
I/O
Target device selected
PPERRX
AC3
1
PCI
I/O
Bus parity error
PSERRX
AD3
1
PCI
I/O
System error
PCLK
AF1
1
I
PD
I
Bus clock
PRSTX
AE1
1
PCI
I
Bus reset
PREQX
AD1
1
PCI
O
Initiator bus request (arbitration)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com