Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5C5EDELTA-RM/D Datasheet(PDF) 96 Page - NXP Semiconductors

Part # C5C5EDELTA-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5C5EDELTA-RM/D Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button C5C5EDELTA-RM/D Datasheet HTML 92Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 93Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 94Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 95Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 96Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 97Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 98Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 99Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 114 page
background image
96
CHAPTER 3: ELECTRICAL SPECIFICATIONS
C3EN
TLU Timing Specifications
The TLU timing specifications are shown in Figure 25 and described in Table 51.
Figure 25 TLU Timing Diagram
TCLKI
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
T_ctl
TAn
TDn
(output)
TDn
(input)
Ttc
Ttdo
Ttco
Ttao
Ttdv
Ttds
Ttdz
Ttdh
Table 51 TLU Timing Description
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
Ttc
TLU Cycle Time
8.0
ns
Ttco
TLU Ctrl Output
0.8
3.9
ns
Ttao
TLU Addr Output
0.8
3.9
ns
Ttds
TLU Data Setup
1.0
ns
Ttdh
TLU Data Hold
1.2
ns
Ttdo
TLU Data Output
0.8
4.2
ns
Ttdz
TLU Data Clk to Tri*
* Not fully tested, values based on design/characterization.
0.8
4.2
ns
Ttdv
TLU Data Clk to Driven*
0.8
4.2
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com