Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5C5EDELTA-RM/D Datasheet(PDF) 71 Page - NXP Semiconductors

Part # C5C5EDELTA-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5C5EDELTA-RM/D Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button C5C5EDELTA-RM/D Datasheet HTML 67Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 68Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 69Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 70Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 71Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 72Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 73Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 74Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 114 page
background image
03
C3ENPA1-DS/D
Rev 03
Chapter 3
ELECTRICAL SPECIFICATIONS
Absolute Maximum
Ratings
Table 32 lists the absolute maximum ratings for the C-3e network processor. Stresses
beyond those listed may cause permanent damage to the device. These are stress ratings
only and do not imply that operation under any conditions other than those listed under
“Recommended Operating Conditions” (Table 33) is possible.
Exposure to conditions beyond Table 32 can:
• Reduce device reliability
• Result in premature device failure, even with no immediate sign of failure
Prolonged exposure to conditions at or near the absolute maximum ratings could also
result in reduced useful life and reliability of the C-3e NP.
Table 32 C-3e Network Processor Absolute Maximum Ratings
PARAMETER
MIN
MAX
UNIT
V
DD33/VDDT Supply Voltage (3.3V input)*
* Voltages are relative to Ground
-0.5
+5
V
VDD Supply Voltage (1.1V input)*
-0.5
+2.2
V
Voltage on any pin
-0.5
V
DD33 + 0.5
V
Static Discharge Voltage
2000/500
V
Storage Temperature
-40
+125
°C
Absolute Maximum Junction Temperature
-40
+125
°C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com