Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5CAARCH-RM/D Datasheet(PDF) 19 Page - NXP Semiconductors

Part # M5CAARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

M5CAARCH-RM/D Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button M5CAARCH-RM/D Datasheet HTML 15Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 16Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 17Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 18Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 19Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 20Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 21Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 22Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 114 page
background image
03
C3ENPA1-DS/D
Rev 03
Chapter 1
FUNCTIONAL DESCRIPTION
Features
Key features of the C-3eTM Network Processor (NP) are its massive processing capabilities
and its high level of functional integration on one chip.
Massive Processing
Power
• Operating frequencies: up to 180MHz
• 3Gbps of bandwidth (for non-blocking throughput)
• More than 3,000MIPS of computing power (for adding services throughout the
protocol stack)
• Up to 9 million packets per second transmitted at wire speed
• 17 programmable RISC Cores (for cell/packet forwarding)
• 32 programmable Serial Data Processors (for processing bit streams)
• Up to 133 million table lookups per second
• Three internal buses for 46Gbs of aggregate bandwidth
High Functional
Integration
• 728 pin Ball Grid Array (BGA) package
• 16 Channel Processors (8 CP’s with full functionality configurable for full I/O or
recirculation, and 8 CP’s with limited functionality configurable only for bit and byte
level recirculation) including:
– Embedded OC-3c, OC-12, OC-12c SONET framers
– Programmable MAC interface
– RISC Cores
– Programmable pin PHY interfaces
• Embedded coprocessors for table lookup (classification), buffer management (payload
control), and queue management (QoS implementation)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com