Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5CAARCH-RM/D Datasheet(PDF) 56 Page - NXP Semiconductors

Part # M5CAARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

M5CAARCH-RM/D Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button M5CAARCH-RM/D Datasheet HTML 52Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 53Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 54Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 55Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 56Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 57Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 58Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 59Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 114 page
background image
56
CHAPTER 2: SIGNAL DESCRIPTIONS
C3EN
Power Supply Signals
Power supply, and ground signals are described in Table 26.
Table 26 Power Supply Signals
SIGNAL NAME
PIN #
TOTAL
TYPE
SIGNAL DESCRIPTION
VDD
H10, H12, H16, J11, J13, J15, J17, K10, K12, K14, K16,
K18, L11, L13, L15, L17, M10, M12, M14, M16, M18,
N11, N13, N15, N17, P10, P12, P14, P16, P18, R11,
R13, R15, R17, T10, T12, T14, T16, T18, U11, U13, U15,
U17, V10, V12, V14, V16, V18, W11, W13, W15, W17,
Y10, Y12, Y14, Y16, Y18
57
P
Core Supply Voltage (1.1V Input)
VDD33
B18, B26, C24, D14, D22, G13, G15, G17, G19, G26,
H14, H18, H24, J19, K22, L19, M24, N19, P26, R19,
U19, V22, W19, W24, AA9, AA11, AA13, AA15, AA17,
AA19, AA26, AD6, AD14, AD22, AE4, AE24, AF2,
AF10, AF18, AF26
40
P
I/O Supply Voltage (3.3V Input)
GND
B6, B12, B16, B22, D2, D9, D19, D26, E4, E24, G6, G10,
G12, G14, G16, G18, G22, H9, H11, H13, H15, H17,
H19, J4, J10, J12, J14, J16, J18, J24, K2, K9, K11, K13,
K15, K17, K19, K26, L10, L12, L14, L16, L18, M9, M11,
M13, M15, M17, M19, N10, N12, N14, N16, N18, P6,
P9, P11, P13, P15, P17, P19, P22, R10, R12, R14, R16,
R18, T4, T9, T11, T13, T15, T17, T19, T24, U10, U12,
U14, U16, U18, V2, V9, V11, V13, V15, V17, V19, V26,
W10, W12, W14, W16, W18, Y4, Y9, Y11, Y13, Y15,
Y17, Y19, Y24, AA6, AA10, AA12, AA14, AA16, AA18,
AA22, AC4, AC24, AD2, AD9, AD19, AD26, AF6, AF14,
AF22
117
P
Ground
VDDT
B2, B10, C4, D6, G2, G9, G11, H4, J9, K6, L9, M4, N9,
P2, R9, U9, V6, W4, W9, AA2
20
P
TLU and QMU I/O supply (3.3V)
TOTAL PINS
234
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com