Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5CAARCH-RM/D Datasheet(PDF) 49 Page - NXP Semiconductors

Part # M5CAARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

M5CAARCH-RM/D Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button M5CAARCH-RM/D Datasheet HTML 45Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 46Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 47Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 48Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 49Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 50Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 51Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 52Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 114 page
background image
Pin Descriptions Grouped by Function
49
03
Fabric Processor Interface
Signals
The FP has logical signal interfaces: a receive data interface and a transmit data interface,
each with its own control, data, and clock signals. The interface has the following
characteristic:
The interface clocks FRXCLK and FTXCLK can have a different frequency from the core
C-3e NP clock frequency. The FP supports a fabric interface frequency from 10MHz to
125MHz.
FRXCLK and FTXCLK can be independent of each other; typically they have the same
frequency, but are allowed to be skewed relative to each other.
Each data bus can be configured for widths of 8 (data bits 7:0 are used), or 16 (bits 15:0). In
8bit mode, data bits 15:8 are unused.
The following tables list the Fabric Interface pin mappings:
• Utopia1, Utopia2, Utopia3 ATM Mode mappings are listed in Table 20
• Utopia1, Utopia2, Utopia3 PHY Mode mappings are listed in Table 21
Table 19 Fabric Interface Signals
SIGNAL NAME
PIN #
TOTAL
TYPE
I/O
SIGNAL DESCRIPTION
FIN0 - FIN15
AD13, AC13, AB13, AG12, AF12, AE12, AD12,
AC12, AB12, AG11, AF11, AE11, AD11, AC11,
AB11, AG10
16
LVTTL
I
PD
Fabric Data Bus In
FOUT0 - FOUT15
AG17, AF17, AG16, AF16, AE16, AD16, AC16,
AB16, AG15, AF15, AE15, AD15, AC15, AB15,
AG14, AE14
16
LVTTL
O
Fabric Data Bus Out
FRXCLK
AG9
1
LVTTL
I
PD
Receive Clock
FTXCLK
AE13
1
LVTTL
I
PD
Transmit Clock
FRXCTL0 - FRXCTL2 &
FRXCTL6
AE10, AD10, AC10, AB10
4
LVTTL
I
PD, O
Receive Control Signals
FTXCTL0 - FRXCTL2 &
FTXCTL6
AC14, AB14, AG13, AF13
4
LVTTL
I
PD, O
Transmit Control Signals
TOTAL PINS
42
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com